Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRS065V0P Datasheet(PDF) 5 Page - Comchip Technology

Part # CSRS065V0P
Description  Low Capacitance ESD Protection Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRS065V0P Datasheet(HTML) 5 Page - Comchip Technology

  CSRS065V0P Datasheet HTML 1Page - Comchip Technology CSRS065V0P Datasheet HTML 2Page - Comchip Technology CSRS065V0P Datasheet HTML 3Page - Comchip Technology CSRS065V0P Datasheet HTML 4Page - Comchip Technology CSRS065V0P Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
REV:C
Comchip Technology CO., LTD.
SMD Diodes Specialist
QW-BP018
Low Capacitance ESD Protection Array
Marking Code
SOT-23-6
Case Type
Qty per Reel
(Pcs)
3000
Reel Size
(inch)
7
SIZE
(inch)
0.043
(mm)
1.10
0.60
0.95
0.024
0.037
2.50
0.098
E
3.60
0.142
B
C
D
A
SOT-23-6
C05
.
1
2
3
6
4
Part Number
CSRS065V0P
Marking Code
C05
Suggested PAD Layout
A
D
C
B
E
Standard Package
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com