Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRS065V0P Datasheet(PDF) 2 Page - Comchip Technology

Part # CSRS065V0P
Description  Low Capacitance ESD Protection Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRS065V0P Datasheet(HTML) 2 Page - Comchip Technology

  CSRS065V0P Datasheet HTML 1Page - Comchip Technology CSRS065V0P Datasheet HTML 2Page - Comchip Technology CSRS065V0P Datasheet HTML 3Page - Comchip Technology CSRS065V0P Datasheet HTML 4Page - Comchip Technology CSRS065V0P Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
REV:C
Comchip Technology CO., LTD.
SMD Diodes Specialist
V
5
VRWM
Reverse leakage current
Reverse stand-Off voltage
Parameter
Conditions
Symbol Min Typ Max Unit
VRWM = 5 V, Pin 5 to Pin 2
Pin 5 to Pin 2
Electrical Characteristics (at TA=25°C unless otherwise noted)
VPIN 5 = 5 V, VPIN 2 =0V ,VIO = 0~5V
IR
Diode breakdown voltage
IR = 1 mA, Pin 5 to Pin 2
uA
VBD
Forward voltage
IF = 15 mA, Pin 2 to Pin 5
VF
V
1
Clamping voltage
IPP = 5 A, tp=8/20us,
Any Channel Pin to Ground
VC
V
IEC 61000-4-2 +6kV,Contact mode
Any Channel Pin to Ground
IEC 61000-4-2 +6kV,Contact moed
VDD Pin to Ground
9
9
12.5
8.1
0.8
6
Junction capacitance
Vpin5 = 5V,Vpin2= 0V, VIO=2.5V,
f = 1MHz,Any Channel Pin to Ground
Cj
1.3
pF
1.6
Vpin5 = 5V,Vpin2= 0V, VIO=2.5V
f = 1MHz,Between Channel Pins
0.12
0.14
Vpin5 = 5V,Vpin2= 0V, VIN=2.5V
f = 1MHz,Channel_x pin to ground -
channel_y pin to ground
0.05
0.07
5
9
1
V
QW-BP018
Low Capacitance ESD Protection Array



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com