Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9UG3330 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # L9UG3330
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG3330 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  L9UG3330 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG3330 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG3330 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG3330 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG3330 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9UG3330 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PART NO. L9UG3330/H0-PF
Page
9UG CHIP
1000
100
1.0
10
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
Fig.2 Relative Intensity vs. Forward Current
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0.5
1.0
1.5
2.0
2.5
3.0
1000
100
10
1.0
Forward Current(mA)
40
80
100
60
-20
-40
20
0
Ambient Temperature(
℃)
5.0
4.0
3.0
100
20
0
40
60
80
0.1
1.0
1.1
1.2
1.0
0.8
0.9
-40
-20
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
℃)
Forward Voltage(V)
2.0
650
600
550
1.0
0.5
500
0
Wavelength (nm)
Fig.4 Relative Intensity vs. Temperature
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3/5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com