Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9UG3330 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L9UG3330
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG3330 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L9UG3330 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG3330 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG3330 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG3330 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG3330 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9UG3330 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PART NO. L9UG3330/H0-PF
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
COLOR
Lens
MATERIAL
PART NO
Emitted
160
Luminous
intensity
@20mA(mcd)
Typ.
20
Spectral
halfwidth
△λnm
574
Dominant
wave
length
λDnm
Max.
Forward
voltage
@
mA(V)
Min.
90
Min.
Viewing
angle
2
θ 1/2
(deg)
40
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
μA
℃
V
℃
mW
30
60
9UG
Ratings
10
2000
Ir
-40 ~ +85
-40 ~ +100
75
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Parameter
Operating Temperature
Storage Temperature
Reverse Current @5V
Power Dissipation
Typical Electrical & Optical Characteristics (Ta=25
℃)
Symbol
ESD
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
℃
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Green
L9UG3330/H0-PF AlGaInP
Green Diffused
1.7
2.6
20
Electrostatic Discharge( * )
2/5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com