Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP-SAMC Datasheet(PDF) 2 Page - ON Semiconductor

Part # NP-SAMC
Description  50A, Ultra Low Capacitance TSPD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP-SAMC Datasheet(HTML) 2 Page - ON Semiconductor

  NP-SAMC Datasheet HTML 1Page - ON Semiconductor NP-SAMC Datasheet HTML 2Page - ON Semiconductor NP-SAMC Datasheet HTML 3Page - ON Semiconductor NP-SAMC Datasheet HTML 4Page - ON Semiconductor NP-SAMC Datasheet HTML 5Page - ON Semiconductor NP-SAMC Datasheet HTML 6Page - ON Semiconductor NP-SAMC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NP−SAMC Series
http://onsemi.com
2
SURGE RATINGS
IPPS
A
ITSM
A
di/dt
Waveform (ms)
2x10
8x20
10x160
10x560
10x360
10x1000
5x310
0.1 s
60 Hz
A/ms
Value
150
150
90
50
75
50
75
20
500
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Rating
Value
Unit
VDRM
Repetitive peak off−state voltage: Rated maximum
(peak) continuous voltage that may be applied in the
off−state conditions including all dc and repetitive
alternating voltage components.
NP0640SAMCT3G
$58
V
NP0720SAMCT3G
$65
NP0900SAMCT3G
$75
NP1100SAMCT3G
$90
NP1300SAMCT3G
$120
NP1500SAMCT3G
$140
NP1800SAMCT3G
$170
NP2100SAMCT3G
$180
NP2300SAMCT3G
$190
NP2600SAMCT3G
$220
NP3100SAMCT3G
$275
NP3500SAMCT3G
$320
IPPS
Nonrepetitive peak pulse current: Rated maximum
value of peak impulse pulse current that may be
applied.
2x10 ms, GR−1089−CORE
150
A
8x20 ms, IEC−61000−4−5
150
10x160 ms, TIA−968−A
90
10x560 ms, TIA−968−A
50
10x360 ms, GR−1089−CORE
75
10x1000 ms, GR−1089−CORE
50
5x310 ms, ITU−K.20/K.21/K.45
75
ITSM
Nonrepetitive peak on−state current: Rated
maximum (peak) value of ac power frequency
on−state surge current which may be applied for a
specified time or number of ac cycles.
0.1s, 50/60 Hz, full sine wave
20
A
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com