Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP-SAMC Datasheet(PDF) 4 Page - ON Semiconductor

Part # NP-SAMC
Description  50A, Ultra Low Capacitance TSPD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP-SAMC Datasheet(HTML) 4 Page - ON Semiconductor

  NP-SAMC Datasheet HTML 1Page - ON Semiconductor NP-SAMC Datasheet HTML 2Page - ON Semiconductor NP-SAMC Datasheet HTML 3Page - ON Semiconductor NP-SAMC Datasheet HTML 4Page - ON Semiconductor NP-SAMC Datasheet HTML 5Page - ON Semiconductor NP-SAMC Datasheet HTML 6Page - ON Semiconductor NP-SAMC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NP−SAMC Series
http://onsemi.com
4
ELECTRICAL PARAMETER/RATINGS DEFINITIONS
Symbol
Parameter
VDRM
Repetitive Peak Off−state Voltage
V(BO)
Breakover Voltage
IDRM
Off−state Current
I(BO)
Breakover Current
IH
Holding Current
VT
On−state Voltage
IT
On−state Current
ITSM
Nonrepetitive Peak On−state Current
IPPS
Nonrepetitive Peak Impulse Current
VD
Off−state Voltage
ID
Off−state Current
Figure 1. Voltage Current Characteristics of TSPD
VT
IPPS
ITSM
IT
ID
IH
−Voltage
+Voltage
−I
+I
I(BO)
IDRM
VD
V(BO)
VDRM
Off−State Region
TIME (ms)
0
50
0
100
tr = rise time to peak value
tf = decay time to half value
tr
tf
Peak
Value
Half Value
1
10
100
0.1
1
10
100
1000
Figure 2. Nonrepetitive On−State Current vs. Time
(ITSM)
Figure 3. Nonrepetitive On−State Impulse vs.
Waveform (IPPS)
CURRENT DURATION (s)
Detailed Operating Description
The TSPD or Thyristor Surge Protection Device are
specialized silicon based overvoltage protectors, used to
protect sensitive electronic circuits from damaging
overvoltage transient surges caused by induced lightning
and powercross conditions.
The TSPD protects by switching to a low on state voltage
when the specified protection voltage is exceeded. This is
known as a “crowbar” effect. When an overvoltage occurs,
the crowbar device changes from a high−impedance to a
low−impedance state. This low−impedance state then offers
a path to ground, shunting unwanted surges away from the
sensitive circuits.
This crowbar action defines the TSPD’s two states of
functionality: Open Circuit and Short Circuit.
Open Circuit – The TSPD must remain transparent during
normal circuit operation. The device looks like an open
across the two wire line.
Short Circuit – When a transient surge fault exceeds the
TSPD protection voltage threshold, the devices switches on,



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com