Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2401 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2401
Description  DUAL LDO REGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2401 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2401_09 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet
4
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
DUAL LDO REGULATORS
AP2401
Ordering Information
Package
Temperature
Range
Condition
Output
Voltages
Part Number
Marking ID
Packing
Type
Lead Free
Green
Lead Free Green
SOT-23-6
-40 to 85oC
Active High With-
out Built-in Pull-
down Resistor
1.8V/2.5V
AP2401B12KTR-
E1
AP2401B12KTR-
G1
E9P
G9P
Tape &
Reel
Active High With-
out Built-in Pull-
down Resistor
1.8V/2.8V
AP2401B13KTR-
E1
AP2401B13KTR-
G1
E9Q
G9Q
Tape &
Reel
Active High With-
out Built-in Pull-
down Resistor
1.8V/3.3V
AP2401B14KTR-
E1
AP2401B14KTR-
G1
E9R
G9R
Tape &
Reel
Active High With-
out Built-in Pull-
down Resistor
2.8V/1.8V
AP2401B31KTR-
E1
AP2401B31KTR-
G1
E8R
G8R
Tape &
Reel
Circuit Type
Package
E1: Lead Free
AP2401
-
TR: Tape and Reel
Ordering Information
K: SOT-23-6
B: Active High
(Without Built-in Pull-down Resistor)
2: Fixed Output 2.5V (Channel 2)
3: Fixed Output 2.8V (Channel 2)
4: Fixed Output 3.3V (Channel 2)
1: Fixed Output 1.8V (Channel 1)
3: Fixed Output 2.8V (Channel 1)
1: Fixed Output 1.8V (Channel 2)
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
G1: Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com