Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2401 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2401
Description  DUAL LDO REGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2401 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2401_09 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet
6
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
DUAL LDO REGULATORS
AP2401
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
∆VOUT/VOUT
Variation from specified
VOUT, IOUT=30mA
-2
2
%
Input Voltage
VIN
6V
Maximum Output Current
IOUT
150
mA
Load Regulation
VRLOAD
1mA
≤IOUT≤100mA
15
60
mV
Line Regulation
VRLINE
VOUT+1V≤VIN≤6V
IOUT=30mA, VCE=VIN
0.01
0.2
%/V
Dropout Voltage
VDROP
IOUT=30mA
VOUT=1.8V
60
70
mV
VOUT=2.5V
45
55
VOUT=2.8V
45
55
VOUT=3.3V
35
45
IOUT=100mA
VOUT=1.8V
175
195
VOUT=2.5V
135
160
VOUT=2.8V
135
160
VOUT=3.3V
125
150
Quiescent Current
IQ
VCE=VIN=VOUT+1V,
IOUT=0mA
25
45
µA
Standby Current
ISTD
VCE in OFF mode
0.1
1
µA
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p, f=1kHz
VIN=VOUT+1V, IOUT=30mA
70
dB
Output Voltage
Temperature Coefficient
(
∆VOUT/VOUT)/∆T IOUT=30mA, -40oC≤TJ≤85oC
±100
ppm/oC
Current Limit
ILIMIT
VCE=VIN
300
mA
Short Circuit Current
ISHORT
VCE=VIN, VOUT=0
30
mA
RMS Output Noise
VNOISE
TA=25oC
10Hz
≤f≤100kHz
30
µVrms
CE "High" Voltage
CE input voltage "High"
1.3
6
V
CE "Low" Voltage
CE input voltage "Low"
0.25
V
Thermal Resistance
(Junction to Case)
θJC
SOT-23-6
61.3
oC/W
(Channel 1/Channel 2: VIN=VOUT+1V, TJ=25oC, CIN=1µF, COUT=1µF, unless otherwise specified.)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com