Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS331 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS331 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331
Data Sheet
4
Oct 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
236
V
Operating Ambient Temperature Range
TA
-40
85
oC
Recommended Operating Conditions
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
VOUT=1.4V, VCC=5 to 30V
15
mV
7.0
Input Bias Current
IB
IIN+ or IIN- with output in linear range,
VCM=0V
25
250
nA
400
Input Offset Current
IIO
IIN+-IIN-, VCM=0V
550
nA
200
Input Common Mode
Voltage Range (Note 4)
VCC=30V
0
VCC-1.5
V
Supply Current
ICC
RL=
VCC=5V
0.4
1.0
mA
2.0
VCC=30V
0.5
1.7
3.0
Voltage Gain
GV
VCC=15V, RL≥15kΩ, VOUT=1 to 11V
50
200
V/mV
Large Signal Response
Time
VIN =TTL Logic Swing, RL=5.1kΩ
200
ns
Response Time
RL=5.1kΩ
1.3
µs
Output Sink Current
ISINK
VIN-=1V, VIN+=0V, VOUT=1.5V
6.0
16
mA
Output Leakage Current
ILEAK
VIN-=0V, VIN+=1V, VOUT=5V
0.1
nA
VIN-=0V, VIN+=1V, VOUT=30V
1
µA
Saturation Voltage
VSAT
VIN-=1V, VIN+=0V, ISINK≤4mA
200
400
mV
500
VCC=5V, GND=0V, TA=25oC, unless otherwise specified. Bold typeface applies over TA=-40 to 85oC (Note 3)
Note 3: These specifications are limited to -40oC≤TA≤85oC. Limits over temperature are guaranteed by design, but
not tested in production.
Note 4: The input common mode voltage of either input signal voltage should not be allowed to go negatively by
more than 0.3V (at 25oC). The upper end of the common mode voltage range is VCC-1.5V (at 25oC), but either or
both inputs can go to +36V without damages, independent of the magnitude of the VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com