Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS331 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AS331 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS331 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331
Data Sheet
6
Oct 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 8. Saturation Voltage vs. Output Sink Current
Figure 9. Response Time vs. Case Temperature
Figure 10. Response Time vs. Load Capacitor
Typical Performance Characteristics (Continued)
0
2
4
6
8
10
12
14
16
18
20
22
0
1
2
3
4
5
6
Output Sink Current (mA)
V
CC=5V
T
C=25
oC
-40
-20
0
20
406080
100
120
200
250
300
350
400
450
500
550
600
Case Temperature (
oC)
V
CC=5V, Input Overdrive Voltage=100mV
Low to High
High to Low
0
20406080
100
120
140
300
400
500
600
700
800
900
Load Capacitor (pF)
Low to High
High to Low
V
CC=5V,GND=0V, RL=5.1KΩ
Input Overdrive Voltage=100mV
0
2040
6080
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Input OverdrIve Voltage (mV)
Low to High
High to Low
V
CC=5V, GND=0V
R
L=5.1KΩ
Figure 11. Response Time vs. Input Overdrive Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com