Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5033MM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5033MM
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5033MM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5033MM Datasheet HTML 1Page - National Semiconductor (TI) LM5033MM Datasheet HTML 2Page - National Semiconductor (TI) LM5033MM Datasheet HTML 3Page - National Semiconductor (TI) LM5033MM Datasheet HTML 4Page - National Semiconductor (TI) LM5033MM Datasheet HTML 5Page - National Semiconductor (TI) LM5033MM Datasheet HTML 6Page - National Semiconductor (TI) LM5033MM Datasheet HTML 7Page - National Semiconductor (TI) LM5033MM Datasheet HTML 8Page - National Semiconductor (TI) LM5033MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range.V
IN = 48V, VCC = 10V applied externally, RT = 26.7k
Ω, unless otherwise stated. See (Note 4) and (Note
5).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Oscillator (Pin 9)
Fs1
Internal frequency
Rt = 26.7 k
Ω
175
200
225
kHz
Fs2
Internal frequency
Rt = 8.2 k
Ω
600
kHz
Vsync
Sync threshold
3.2
3.8
V
R
t/Sync DC voltage
2.0
V
PWM Comparator Input (Pin 3)
t
PWM
Gain from pin 3 to
PWM comparator
0.34
V/V
Maximum duty cycle at
Out1, Out2
See PWM Comparator
text
100 x
(0.5T
S-TD)/TS
%
Minimum duty cycle at
Out1, Out2
Pin 3 = 0V.
0
%
Open Circuit Voltage
4.2
5.2
6.2
V
Short circuit current
Pin3=0V
0.6
1.1
1.5
mA
Output Drivers (Pin 5, 6)
Deadtime (T
D)
CLoad = 0 @ OUT1,
OUT2. Time measured
from 10% of falling
output to 10% of rising
output.
85
135
185
ns
Rise Time
C
Load = 1nF
16
ns
Fall Time
C
Load = 1nF
16
ns
Output High Voltage
Iout = 50 mA (source)
Vcc-0.75
Vcc-0.25
V
Output Low Voltage
Iout = 100 mA (sink)
0.25
0.75
V
Max. source current
1.5
A
Max. sink current
1.5
A
Thermal Shutdown
T
SD
Shutdown temperature
165
˚C
Shutdown temperature
hysteresis
15
˚C
Thermal Resistance
θ
JA
Junction to Ambient
MUB10A Package
200
˚C/W
SDC10A Package
38
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The maximum allowable power dissipation is a function of the maximum allowed junction temperature (TJ(max)), the ambient temperature (TA), and the
junction-to-ambient thermal resistance (
θJA). The maximum allowable power dissipation can be calculated from PD = (TJ(max) -TA)/ θJA. Excessive power dissipation
will cause the thermal shutdown to activate.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 4: Min and Max limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical
Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 5: Typical specifications represent the most likely parametric norm at 25˚C operation.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com