Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5033MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5033MM
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5033MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5033MM Datasheet HTML 1Page - National Semiconductor (TI) LM5033MM Datasheet HTML 2Page - National Semiconductor (TI) LM5033MM Datasheet HTML 3Page - National Semiconductor (TI) LM5033MM Datasheet HTML 4Page - National Semiconductor (TI) LM5033MM Datasheet HTML 5Page - National Semiconductor (TI) LM5033MM Datasheet HTML 6Page - National Semiconductor (TI) LM5033MM Datasheet HTML 7Page - National Semiconductor (TI) LM5033MM Datasheet HTML 8Page - National Semiconductor (TI) LM5033MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM5033
100V Push-Pull Voltage Mode PWM Controller
General Description
The LM5033 High Voltage PWM controller contains all the
features needed to implement Push-Pull, Half-Bridge, and
Full-Bridge topologies. Applications include closed loop volt-
age mode converters with a highly regulated output voltage,
or an open loop "DC transformer" such as an Intermediate
Bus Converter (IBC) with an efficiency >95%. Two alternat-
ing gate driver outputs with a guaranteed deadtime are
provided. The LM5033 includes a start-up regulator that
operates over a wide input range of 15V to 100V. Additional
features include: precision voltage reference output, current
limit detection, remote shutdown, softstart, sync capability
and thermal shutdown. This high speed IC has total propa-
gation delays less than 100 ns and a 1MHz capable oscilla-
tor.
Features
n
Internal high voltage (100V) start-up regulator
n
Single resistor oscillator setting
n
Synchronizable
n
Precision reference output
n
Adjustable soft-start
n
Over-current protection
n
Direct optocoupler interface
n
1.5A peak gate drivers
n
Thermal Shutdown
Applications
n
Intermediate DC/DC Bus Converter
n
Telecommunication Power Converters
n
Industrial Power Converters
n
+42V Automotive Systems
Package
n
MSOP-10
n
LLP-10
Connection Diagram
20035401
10-Lead MSOP, LLP
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM5033MM
MSOP-10
MUB10A
1000 Units on Tape and Reel
LM5033MMX
MSOP-10
MUB10A
3500 Units on Tape and Reel
LM5033SD
LLP-10 (4 x 4 mm)
SDC10A
1000 Units on Tape and Reel
LM5033SDX
LLP-10 (4 x 4 mm)
SDC10A
4500 Units on Tape and Reel
February 2005
© 2005 National Semiconductor Corporation
DS200354
www.national.com


Similar Part No. - LM5033MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5033MM/NOPB TI-LM5033MM/NOPB Datasheet
1Mb / 24P
100V Push-Pull Voltage Mode PWM Controller
LM5033MMX/NOPB TI-LM5033MMX/NOPB Datasheet
1Mb / 24P
100V Push-Pull Voltage Mode PWM Controller
More results

Similar Description - LM5033MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
100V Push-Pull Voltage Mode PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
100V Push-Pull Current Mode PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
Push-Pull PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_14 Datasheet
1,016Kb / 19P
100V Push-Pull Current Mode PWM Controller
LM5033 TI1-LM5033_14 Datasheet
1Mb / 23P
100V Push-Pull Voltage Mode PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
Push-Pull PWM Controller
logo
Texas Instruments
LM5033 TI-LM5033_15 Datasheet
1Mb / 24P
100V Push-Pull Voltage Mode PWM Controller
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com