Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3823IGNPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3823IGNPBF
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGNPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3823IGNPBF Datasheet HTML 5Page - Linear Technology LTC3823IGNPBF Datasheet HTML 6Page - Linear Technology LTC3823IGNPBF Datasheet HTML 7Page - Linear Technology LTC3823IGNPBF Datasheet HTML 8Page - Linear Technology LTC3823IGNPBF Datasheet HTML 9Page - Linear Technology LTC3823IGNPBF Datasheet HTML 10Page - Linear Technology LTC3823IGNPBF Datasheet HTML 11Page - Linear Technology LTC3823IGNPBF Datasheet HTML 12Page - Linear Technology LTC3823IGNPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC3823
9
3823fd
FUNCTIONAL DIAGRAM
0.5V
0.6V
2.0V
0.5V
VRNG
–
+
–
+
–
+
ION
FCB
VIN
1μA
RON
VVON
IION
tON
= (10pF)
R
SQ
20k
ICMP
IREV
Q6
3.3μA
RUN
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
BG
ON
FCNT
F
0.6V
OV
1
240k
Q1
Q2
1.5V
EXTERNAL TO CHIP
ITH
RC
CC1
EA
SS
Q4
VDIFFOUT
SGND
R2
(EXT)
R1
(EXT)
RUN
PGND
PGOOD
DRVCC
INTVCC
INTVCC
SW
TG
CB
VIN
CIN
BOOST
–
+
–
+
OV
UV
CVCC
VOUT
M2
M1
L1
COUT
DB
ITHB
VOUT
0.6V
4.8V
VON
RSENSE
(OPTIONAL)
SENSE+
SENSE–
SENSE+
SENSE–
BG
M2
*CONNECTION W/O
SENSE RESISTOR
SW
PGND
(0.5~2)
FOLDBACK
–
+
0.25V
TRACK/SS
FOLDBACK
DISABLED
AT START-UP
RUN
VFB
PLLIN
PLLFLTR
PLL-SYNC
VINSNS
Z0
Z1/SSENABLE
Z2
ZVCC
+
+
5V
REG
1.7μA
CSS
3823 FD
R
R
R
INTVCC
40k
VOUTSENSE–
VOUTSENSE+
40k
40k
40k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com