Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3823IGNPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3823IGNPBF
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGNPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3823IGNPBF Datasheet HTML 1Page - Linear Technology LTC3823IGNPBF Datasheet HTML 2Page - Linear Technology LTC3823IGNPBF Datasheet HTML 3Page - Linear Technology LTC3823IGNPBF Datasheet HTML 4Page - Linear Technology LTC3823IGNPBF Datasheet HTML 5Page - Linear Technology LTC3823IGNPBF Datasheet HTML 6Page - Linear Technology LTC3823IGNPBF Datasheet HTML 7Page - Linear Technology LTC3823IGNPBF Datasheet HTML 8Page - Linear Technology LTC3823IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC3823
1
3823fd
FEATURES
APPLICATIONS
DESCRIPTION
Fast No RSENSETM Step-Down
Synchronous DC/DC Controller
with Differential Output Sensing,
Tracking and PLL
The LTC
®3823 is a synchronous step-down switching regu-
lator controller with true remote differential output sensing
andoutputvoltageup/downtrackingcapability.Itsadvanced
functionsandhighaccuracyreferenceareidealforpowering
high performance server, ASIC and computer memory
systems.
The LTC3823 uses a constant on-time, valley current
mode control architecture to deliver very low duty fac-
tors without requiring a sense resistor. The operating
frequency is selected by an external resistor and is com-
pensated for variations in input supply voltage. An internal
phase-locked loop allows the IC to be synchronized to an
external clock.
Fault protection is provided by an overvoltage compara-
tor and input undervoltage lockout. The regulator current
limit is user programmable. A wide supply range allows
voltages as high as 36V to be stepped down to as low as
a 0.6V output. When using remote sense, output voltages
up to 3.3V can be developed, and up to 90% of VIN without
remote sense. Power supply sequencing is accomplished
using an external soft-start timing capacitor.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
No RSENSE is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents including 5481178, 5847554,
6580258, 6304066, 6476589, 6774611.
n Wide VIN Range: 4.5V to 36V
n ±0.67%, 0.6V Reference Voltage
n Output Voltage Tracking Capability
n True Remote Sensing Differential Amplifier
n Sense Resistor Optional
n True Current Mode Control
n 2% to 90% Duty Cycle at 200kHz
n tON(MIN) < 100ns
n Phase-Locked Loop Frequency Synchronization
n Powerful Dual N-Channel MOSFET Driver
n Adjustable Cycle-by-Cycle Current Limit
n Adjustable Switching Frequency
n Programmable Soft-Start
n Current Foldback Protection (Disabled at Start-Up)
n Output Overvoltage Protection
n Micropower Shutdown: 30μA
n Power Good Output Voltage Monitor Tracks the
Reference Input Pin
n Available in (5mm
× 5mm) 32-Lead QFN and
28-Lead SSOP Narrow Packages
n Distributed Power Systems
n Server Power Supplies
CMDSH-3
B340A
9.5k
1.8μH
10μF
10μF
35V
3
VIN
5V TO 28V
VOUT
2.5V
10A
180μF
4V
2
Si4874
Si4884
68k
0.1μF
0.22μF
10k
1000pF
VOUT
3k
10k
0.01μF
+
ION
VIN
TG
SW
BOOST
PLLIN
RUN
ITH
SGND
INTVCC
BG
PGND
SENSE–
SENSE+
VOUTSENSE+
VFB
LTC3823
DRVCC
PGOOD
VOUTSENSE–
VDIFFOUT
VON
VRNG
TRACK/SS
PLLFLTR
3823 TA01a
LOAD CURRENT (A)
0.1
87
88
90
91
92
97
94
0.01
0.1
10
1
1
3823 TA01b
89
95
96
93
10
VIN = 5V
VOUT = 2.5V
FIGURE 12 CIRCUIT
EFFICIENCY
POWER LOSS
Efficiency and Power Loss
vs Load Current
High Efficiency Step-Down Converter
TYPICAL APPLICATION


Similar Part No. - LTC3823IGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3823 LINER-LTC3823_15 Datasheet
312Kb / 26P
Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
More results

Similar Description - LTC3823IGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3770 LINER-LTC3770_15 Datasheet
272Kb / 24P
Fast No RSENSE Step-Down Synchronous Controller with Margining, Tracking and PLL
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3823 LINER-LTC3823_15 Datasheet
312Kb / 26P
Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
LTC3833 LINER-LTC3833_15 Datasheet
523Kb / 36P
Fast Accurate Step-Down DC/DC Controller with Differential Output Sensing
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com