Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3854EMSE Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3854EMSE
Description  Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3854EMSE Datasheet(HTML) 2 Page - Linear Technology

  LTC3854EMSE Datasheet HTML 1Page - Linear Technology LTC3854EMSE Datasheet HTML 2Page - Linear Technology LTC3854EMSE Datasheet HTML 3Page - Linear Technology LTC3854EMSE Datasheet HTML 4Page - Linear Technology LTC3854EMSE Datasheet HTML 5Page - Linear Technology LTC3854EMSE Datasheet HTML 6Page - Linear Technology LTC3854EMSE Datasheet HTML 7Page - Linear Technology LTC3854EMSE Datasheet HTML 8Page - Linear Technology LTC3854EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3854

3854fa
absoluTe MaxiMuM raTings
Input Supply Voltage (VIN)........................ 40V to –0.3V
Top Side Driver Voltage (BOOST) .............. 46V to –0.3V
Switch Voltage (SW).................................. 40V to –5.0V
INTVCC, BOOST-SW.................................... 6V to –0.3V
SENSE+, SENSE– ......................................... 6V to –0.3V
RUN/SS........................................................ 6V to –0.3V
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3854EDDB#PBF
LTC3854EDDB#TRPBF
LDPC
12-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC3854IDDB#PBF
LTC3854IDDB#TRPBF
LDPC
12-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC3854EMSE#PBF
LTC3854EMSE#TRPBF
3854
12-Lead Plastic MSOP
–40°C to 85°C
LTC3854IMSE#PBF
LTC3854IMSE#TRPBF
3854
12-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ITH, FB Voltages ....................................... 2.7V to –0.3V
INTVCC Peak Output Current (Note 8)....................40mA
Operating Temperature Range
(Notes 2, 3)..........................................–40°C to 85°C
Maximum Junction Temperature ...................... 125°C
Storage Temperature Range .................. –65°C to 125°C
TOP VIEW
13
DDB PACKAGE
12-LEAD (3mm 2mm) PLASTIC DFN
FB
ITH
RUN/SS
BOOST
TG
SW
SENSE+
SENSE–
VIN
INTVCC
BG
GND
8
7
10
9
11
12
5
6
4
2
3
1
TJMAX = 125°C, θJA = 76°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
FB
ITH
RUN/SS
BOOST
TG
SW
12
11
10
9
8
7
SENSE+
SENSE–
VIN
INTVCC
BG
GND
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
13
TJMAX = 125°C, θJA = 40°C/W, θJC = 16°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com