Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3854EMSE Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3854EMSE
Description  Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3854EMSE Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3854EMSE Datasheet HTML 17Page - Linear Technology LTC3854EMSE Datasheet HTML 18Page - Linear Technology LTC3854EMSE Datasheet HTML 19Page - Linear Technology LTC3854EMSE Datasheet HTML 20Page - Linear Technology LTC3854EMSE Datasheet HTML 21Page - Linear Technology LTC3854EMSE Datasheet HTML 22Page - Linear Technology LTC3854EMSE Datasheet HTML 23Page - Linear Technology LTC3854EMSE Datasheet HTML 24Page - Linear Technology LTC3854EMSE Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3854

3854fa
applicaTions inForMaTion
However, the amount of capacitance needed is determined
not only by the allowed ripple in steady state but by the
maximum energy stored in the inductor. The capacitance
must be sufficient in value to absorb the change in induc-
tor current when a high current to low current transient
occurs. The minimum capacitance to assure the inductor’s
energy is adequately absorbed during a 5A load step for
a maximum overshoot of 2% is:
COUT ≥
L •
∆IL2
2 •
∆VOUT • VOUT
COUT ≥
0.56µH •(5A)2
0.02 • 1.2V
COUT ≥583µF
A maximum overshoot or undershoot of 2% for a 5A load
step will require an ESR of:
ESR
< 0.02 •
VOUT
∆ILOAD
= 0.02 •
1.2V
5A
≤ 5mΩ
Several quality capacitors are available with low enough
ESR.
Multilayer ceramic capacitors tend to have very low ESR
values.ItisalsoagoodpracticetoreducetheESLbyputting
several capacitors in parallel on the output (a parallel bank
of larger and smaller capacitors will improve performance
in both a DC and a transient condition).
To keep ripple very low and design for any possible large
excursions in current 2x 330µF (tantalum or polymer
surface) and 1x 47µF polymer low ESR type were con-
nected in parallel.
Choosing FB Resistors (See Figure 3)
VOUT = 0.8 1+
RB
RA


RB = 0.5RA
Using 1% 10.0k for RA gives 1% 4.99k for RB.
Choosing CIN Capacitors
CINischosenforaRMScurrentratingofatleastIOUT(MAX)/2
= 6A. Again, keeping ESR low will improve performance
and reduce power loss (several capacitors in parallel is
once again a good choice). We will use an 180µF 25V
electrolytic with 2x 10µF 25V low ESR ceramic capacitors
connected in parallel.
Choosing MOSFETs
The power dissipation in the main and synchronous FETs
canbeeasilyestimated.ChoosingaRenesasRJK0305DPB
for the main FET results in the following parameters:
BVDSS = 30V
RDS(ON) = 13mΩ maximum at 25°C, VGS = 4.5V
QGD=1.5nCatVDS,test10VresultsinCMILLER=1.5nC/10V
= 150pF
QG = 8nC, typical, at VGS = 4.5V
VMILLER = 2.8V
At VIN = 20V, IOUT = 15A, estimated TJ = 100°C for the
top FET and given
VINTVCC = 5.0V
RDR,PULLUP = 2.6Ω
RDR,PULLDOWN = 1.5Ω
the total losses in the main FET will be:
PMAIN =
1.2V
20V
•(15A)2 • 1
+ 0.005 • 100°C – 25°C
(
)
(
)
• 13m
Ω + 20V
( )2 • 15A
2
• 150pF
•
2.5
Ω
5V
− 2.8V
+
1.2
Ω
2.8V


• fSW
PMAIN = 0.55W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com