Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRP20060CT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBRP20060CT
Description  SCHOTTKY BARRIER RECTIFIERS 200 AMPERES 45 to 60 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRP20060CT Datasheet(HTML) 1 Page - Motorola, Inc

  MBRP20060CT Datasheet HTML 1Page - Motorola, Inc MBRP20060CT Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Rectifier Device Data
Preliminary Data Sheet
POWERTAP II
SWITCHMODE™ Power Rectifiers
. . . using the Schottky Barrier principle with a platinum barrier metal. These
state–of–the–art devices have the following features:
• Dual Diode Construction — May Be Paralleled for Higher Current Output
• Guardring for Stress Protection
• Low Forward Voltage
• 175°C Operating Junction Temperature
• Guaranteed Reverse Avalanche
Mechanical Characteristics:
• Case: Epoxy, Molded with metal heatsink base
• Weight: 80 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant
• Top Terminal Torque: 25–40 lb–in max
• Base Plate Torques: See procedure given in the
Package Outline Section
• Shipped 25 units per foam
• Marking: B20045T, B20060T
MAXIMUM RATINGS
Rating
Symbol
MBRP20045CT
MBRP20060CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
60
Volts
Average Rectified Forward Current
Per Device
(Rated VR) TC = 140°C
Per Leg
IF(AV)
200
100
200
100
Amps
Peak Repetitive Forward Current, Per Leg
(Rated VR, Square Wave, 20 kHz), TC = 140°C
IFRM
200
200
Amps
Non–Repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
1500
1500
Amps
Peak Repetitive Reverse Current, Per Leg (2.0
µs, 1.0 kHz) See Figure 6.
IRRM
2.0
2.0
Amps
Operating Junction Temperature
TJ
*55 to +175
*55 to +175
°C
Storage Temperature
Tstg
*55 to +150
*55 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
10000
V/
µs
THERMAL CHARACTERISTICS PER LEG
Thermal Resistance, Junction to Case
R
θJC
0.6
0.6
°C/W
ELECTRICAL CHARACTERISTICS PER LEG
Instantaneous Forward Voltage (1)
(iF = 200 Amps, TJ = 25°C)
(iF = 200 Amps, TJ = 25°C)
vF
0.89
0.78
0.91
0.80
Volts
Instantaneous Reverse Current (1)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
50
0.5
50
0.5
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle v 2.0%.
POWERTAP II and SWITCHMODE are trademarks of Motorola, Inc.
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MBRP20045CT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
2
3
MBRP20045CT
MBRP20060CT
SCHOTTKY BARRIER
RECTIFIERS
200 AMPERES
45 to 60 VOLTS
CASE 357C–03
POWERTAP II
Motorola Preferred Devices
1
2
3
Rev 2


Similar Part No. - MBRP20060CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRP20060CT MOTOROLA-MBRP20060CT Datasheet
191Kb / 6P
SCHOTTKY BARRIER RECTIFIER 200 AMPERES 60 VOLT
logo
ON Semiconductor
MBRP20060CT ONSEMI-MBRP20060CT Datasheet
174Kb / 6P
POWERTAP II SWITCHMODE Power Rectifier
September, 2006 ??Rev. 4
logo
Microsemi Corporation
MBRP20060CT MICROSEMI-MBRP20060CT Datasheet
123Kb / 2P
Schottky PowerMod
logo
ON Semiconductor
MBRP20060CTG ONSEMI-MBRP20060CTG Datasheet
174Kb / 6P
POWERTAP II SWITCHMODE Power Rectifier
September, 2006 ??Rev. 4
More results

Similar Description - MBRP20060CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1035 MOTOROLA-MBR1035 Datasheet
148Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
logo
Micro Commercial Compon...
MBR6030PT MCC-MBR6030PT Datasheet
109Kb / 2P
60 Amp Schottky Barrier Rectifier 30 to 45 Volts
logo
Pan Jit International I...
MBR6020PT PANJIT-MBR6020PT Datasheet
427Kb / 2P
60 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
MBR10100 CHENDA-MBR10100 Datasheet
350Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS VOLTAGE 40 to 200 Volts CURRENT
logo
ON Semiconductor
MBRS360BT3G ONSEMI-MBRS360BT3G Datasheet
141Kb / 7P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES, 60 VOLTS
February, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MBR10100G KERSEMI-MBR10100G Datasheet
415Kb / 4P
SCHOTTKY BARRIER RECTIFIERS 10 AMPERES, 60 to 100 VOLTS
MBRF30L45CTG KERSEMI-MBRF30L45CTG Datasheet
489Kb / 6P
DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
MBRF2045CTG KERSEMI-MBRF2045CTG Datasheet
504Kb / 8P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 45 VOLTS
logo
Bytesonic Electronics C...
MBR30L45CT BYTESONIC-MBR30L45CT Datasheet
932Kb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS VOLTAGE 45 Volts CURRENT 30.0 Amperes
Version 1.1 2018/9/10
logo
Rectron Semiconductor
SR6080C RECTRON-SR6080C Datasheet
898Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 80 to 200 Volts CURRENT 60 Amperes
2022-04 REV:B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com