Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z60-R1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z60-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z60-R1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ20Z60-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 9Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 10Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 11Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 12Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 13Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 14Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
bq20z60-R1
www.ti.com
SLUS991 – DECEMBER 2009
SBS Commands
Table 3. SBS COMMANDS
SBS
SIZE IN MIN
MAX
DEFAULT
MODE NAME
FORMAT
UNIT
CMD
BYTES
VALUE
VALUE
VALUE
0x00
R/W
ManufacturerAccess
Hex
2
0x0000
0xffff
—
—
0x01
R/W
RemainingCapacityAlarm
Integer
2
0
700 or
300 or 432
mAh or
1000
10mWh
0x02
R/W
RemainingTimeAlarm
Unsigned Integer
2
0
30
10
min
0x03
R/W
BatteryMode
Hex
2
0x0000
0xffff
—
—
0x04
R/W
AtRate
Integer
2
-32,768
32,767
0
mA or 10mW
0x05
R
AtRateTimeToFull
Unsigned Integer
2
0
65,535
—
min
0x06
R
AtRateTimeToEmpty
Unsigned Integer
2
0
65,535
—
min
0x07
R
AtRateOK
Unsigned Integer
2
0
65,535
—
—
0x08
R
Temperature
Unsigned Integer
2
0
65,535
—
0.1°K
0x09
R
Voltage
Unsigned Integer
2
0
20,000
—
mV
0x0a
R
Current
Integer
2
-32,768
32,767
—
mA
0x0b
R
AverageCurrent
Integer
2
-32,768
32,767
—
mA
0x0c
R
MaxError
Unsigned Integer
1
0
100
—
%
0x0d
R
RelativeStateOfCharge
Unsigned Integer
1
0
100
—
%
0x0e
R
AbsoluteStateOfCharge
Unsigned Integer
1
0
100+
—
%
0x0f
R/W
RemainingCapacity
Unsigned Integer
2
0
65,535
—
mAh or
10mWh
0x10
R
FullChargeCapacity
Unsigned Integer
2
0
65,535
—
mAh or
10mWh
0x11
R
RunTimeToEmpty
Unsigned Integer
2
0
65,534
—
min
0x12
R
AverageTimeToEmpty
Unsigned Integer
2
0
65,534
—
min
0x13
R
AverageTimeToFull
Unsigned Integer
2
0
65,534
—
min
0x14
R
ChargingCurrent
Unsigned Integer
2
0
65,534
—
mA
0x15
R
ChargingVoltage
Unsigned Integer
2
0
65,534
—
mV
0x16
R
BatteryStatus
Hex
2
0x0000
0xdbff
—
—
0x17
R/W
CycleCount
Unsigned Integer
2
0
65,535
0
—
0x18
R/W
DesignCapacity
Integer
2
0
32,767
4400 or 6336
mAh or
10mWh
0x19
R/W
DesignVoltage
Integer
2
7000
18,000
14,400
mV
0x1a
R/W
SpecificationInfo
Hex
2
0x0000
0xffff
0x0031
—
0x1b
R/W
ManufactureDate
Unsigned Integer
2
—
65,535
0
—
0x1c
R/W
SerialNumber
Hex
2
0x0000
0xffff
0
—
0x20
R/W
ManufacturerName
String
11+1
—
—
Texas
—
Instruments
0x21
R/W
DeviceName
String
7+1
—
—
bq20z60-R1
—
0x22
R/W
DeviceChemistry
String
4+1
—
—
LION
—
0x23
R/W
ManufacturerData
String
14+1
—
—
—
—
0x2f
R/W
Authenticate
String
20+1
—
—
—
—
0x3c
R
CellVoltage4
Unsigned Integer
2
0
65,535
—
mV
0x3d
R
CellVoltage3
Unsigned Integer
2
0
65,535
—
mV
0x3e
R
CellVoltage2
Unsigned Integer
2
0
65,535
—
mV
0x3f
R
CellVoltage1
Unsigned Integer
2
0
65,535
—
mV
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :bq20z60-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com