Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z60-R1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z60-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z60-R1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ20Z60-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 9Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 10Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 11Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 12Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 13Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 14Page - Texas Instruments BQ20Z60-R1 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
bq20z60-R1
SLUS991 – DECEMBER 2009
www.ti.com
Table 4. EXTENDED SBS COMMANDS
SBS
SIZE IN
MIN
MAX
DEFAULT
MODE NAME
FORMAT
UNIT
CMD
BYTES
VALUE
VALUE
VALUE
0x45
R
AFEData
String
11+1
—
—
—
—
0x46
R/W
FETControl
Hex
2
0x00
0xff
—
—
0x4f
R
StateOfHealth
Hex
2
0x0000
0xffff
—
—
0x50
R
SafetyAlert
Hex
2
0x0000
0xffff
—
—
0x51
R
SafetyStatus
Hex
2
0x0000
0xffff
—
—
0x52
R
PFAlert
Hex
2
0x0000
0xffff
—
—
0x53
R
PFStatus
Hex
2
0x0000
0xffff
—
—
0x54
R
OperationStatus
Hex
2
0x0000
0xffff
—
—
0x55
R
ChargingStatus
Hex
2
0x0000
0xffff
—
—
0x57
R
ResetData
Hex
2
0x0000
0xffff
—
—
0x58
R
WDResetData
Unsigned Integer
2
0
65,535
—
—
0x5a
R
PackVoltage
Unsigned Integer
2
0
65,535
—
mV
0x5d
R
AverageVoltage
Unsigned Integer
2
0
65,535
—
mV
0x5e
R
TS1Temperature
Integer
2
–400
1200
—
0.1°C
0x5f
R
TS2Temperature
Integer
2
–400
1200
—
0.1°C
0x60
R/W
UnSealKey
Hex
4
0x00000000 0xffffffff
—
—
0x61
R/W
FullAccessKey
Hex
4
0x00000000 0xffffffff
—
—
0x62
R/W
PFKey
Hex
4
0x00000000 0xffffffff
—
—
0x63
R/W
AuthenKey3
Hex
4
0x00000000 0xffffffff
—
—
0x64
R/W
AuthenKey2
Hex
4
0x00000000 0xffffffff
—
—
0x65
R/W
AuthenKey1
Hex
4
0x00000000 0xffffffff
—
—
0x66
R/W
AuthenKey0
Hex
4
0x00000000 0xffffffff
—
—
0x68
R
SafetyAlert2
Hex
2
0x0000
0x000f
—
—
0x69
R
SafetyStatus2
Hex
2
0x0000
0x000f
—
—
0x6a
R
PFAlert2
Hex
2
0x0000
0x000f
—
—
0x6b
R
PFStatus2
Hex
2
0x0000
0x000f
—
—
0x6c
R/W
ManufBlock1
String
20
—
—
—
—
0x6d
R/W
ManufBlock2
String
20
—
—
—
—
0x6e
R/W
ManufBlock3
String
20
—
—
—
—
0x6f
R/W
ManufBlock4
String
20
—
—
—
—
0x70
R/W
ManufacturerInfo
String
31+1
—
—
—
—
0x71
R/W
SenseResistor
Unsigned Integer
2
0
65,535
—
μΩ
0x72
R
TempRange
Hex
2
0x0000
0xffff
—
—
0x73
R
LifetimeData1
String
32+1
—
—
—
—
0x74
R
LifetimeData2
String
8+1
—
—
—
—
0x77
R/W
DataFlashSubClassID
Hex
2
0x0000
0xffff
—
—
0x78
R/W
DataFlashSubClassPage1
Hex
32
—
—
—
—
0x79
R/W
DataFlashSubClassPage2
Hex
32
—
—
—
—
0x7a
R/W
DataFlashSubClassPage3
Hex
32
—
—
—
—
0x7b
R/W
DataFlashSubClassPage4
Hex
32
—
—
—
—
0x7c
R/W
DataFlashSubClassPage5
Hex
32
—
—
—
—
0x7d
R/W
DataFlashSubClassPage6
Hex
32
—
—
—
—
0x7e
R/W
DataFlashSubClassPage7
Hex
32
—
—
—
—
0x7f
R/W
DataFlashSubClassPage8
Hex
32
—
—
—
—
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq20z60-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com