Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

bq20z65-R1DBTR Datasheet(PDF) 6 Page - Texas Instruments

Part # bq20z65-R1DBTR
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq20z65-R1DBTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button bq20z65-R1DBTR Datasheet HTML 2Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 3Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 4Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 5Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 6Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 7Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 8Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 9Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
bq20z65-R1
SLUS990 – DECEMBER 2009
www.ti.com
RECOMMENDED OPERATING CONDITIONS (continued)
Over operating free-air temperature range (unless otherwise noted)
PIN
MIN
NOM
MAX
UNIT
VC(n)-VC(n+1); n = 1,2,3,4
0
5
V
VC1, VC2, VC3, VC4
0
VSS
V
VIN
Input voltage range
VC5
0
0.5
V
ASRN, ASRP
–0.5
0.5
V
PACK, PMS
0
25
V
V(GPOD)
Output voltage range
GPOD
0
25
V
I(GPOD)
Drain current(1)
GPOD
1
mA
C(REG25)
2.5V LDO capacitor
REG25
1
µF
C(REG33)
3.3V LDO capacitor
REG33
2.2
µF
C(VCELL+)
Cell voltage output capacitor
VCELL+
0.1
µF
R(PACK)
PACK input block resistor(2)
PACK
1
k
Ω
(1)
Use an external resistor to limit the current to GPOD to 1mA in high voltage application.
(2)
Use an external resistor to limit the inrush current PACK pin required.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com