Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

bq20z65-R1DBTR Datasheet(PDF) 17 Page - Texas Instruments

Part # bq20z65-R1DBTR
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq20z65-R1DBTR Datasheet(HTML) 17 Page - Texas Instruments

Back Button bq20z65-R1DBTR Datasheet HTML 13Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 14Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 15Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 16Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 17Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 18Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 19Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 20Page - Texas Instruments bq20z65-R1DBTR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
bq20z65-R1
www.ti.com
SLUS990 – DECEMBER 2009
COMMUNICATIONS
The bq20z65-R1 uses SMBus v1.1 with Master Mode and package error checking (PEC) options per the SBS
specification.
SMBus On and Off State
The bq20z65-R1 detects an SMBus off state when SMBC and SMBD are logic-low for
≥ 2 seconds. Clearing this
state requires either SMBC or SMBD to transition high. Within 1 ms, the communication bus is available.
SBS Commands
Table 3. SBS COMMANDS
SBS
SIZE IN
MIN
MAX
DEFAULT
MODE
NAME
FORMAT
UNIT
VALUE
CMD
BYTES
VALUE
VALUE
0x00
R/W
ManufacturerAccess
Hex
2
0x0000
0xffff
—
—
0x01
R/W
RemainingCapacityAlarm
Integer
2
0
700 or 1000
300 or 432
mAh or 10mWh
0x02
R/W
RemainingTimeAlarm
Unsigned
2
0
30
10
min
integer
0x03
R/W
BatteryMode
Hex
2
0x0000
0xffff
—
—
0x04
R/W
AtRate
Integer
2
–32,768
32,767
—
mA or 10mW
0x05
R
AtRateTimeToFull
Unsigned
2
0
65,535
—
min
integer
0x06
R
AtRateTimeToEmpty
Unsigned
2
0
65,535
—
min
integer
0x07
R
AtRateOK
Unsigned
2
0
65,535
—
—
integer
0x08
R
Temperature
Unsigned
2
0
65,535
—
0.1°K
integer
0x09
R
Voltage
Unsigned
2
0
20,000
—
mV
integer
0x0a
R
Current
Integer
2
–32,768
32767
—
mA
0x0b
R
AverageCurrent
Integer
2
–32,768
32,767
—
mA
0x0c
R
MaxError
Unsigned
1
0
100
—
%
integer
0x0d
R
RelativeStateOfCharge
Unsigned
1
0
100
—
%
integer
0x0e
R
AbsoluteStateOfCharge
Unsigned
1
0
100+
—
%
integer
0x0f
R/W
RemainingCapacity
Unsigned
2
0
65,535
—
mAh or 10mWh
integer
0x10
R
FullChargeCapacity
Unsigned
2
0
65,535
—
mAh or 10mWh
integer
0x11
R
RunTimeToEmpty
Unsigned
2
0
65,534
—
min
integer
0x12
R
AverageTimeToEmpty
Unsigned
2
0
65,534
—
min
integer
0x13
R
AverageTimeToFull
Unsigned
2
0
65,534
—
min
integer
0x14
R
ChargingCurrent
Unsigned
2
0
65,534
—
mA
integer
0x15
R
ChargingVoltage
Unsigned
2
0
65,534
—
mV
integer
0x16
R
BatteryStatus
Hex
2
0x0000
0xdbff
—
—
0x17
R/W
CycleCount
Unsigned
2
0
65,535
0
—
integer
0x18
R/W
DesignCapacity
Integer
2
0
32,767
4400 or 6336
mAh or 10mWh
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com