Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z65DBTR-R1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z65DBTR-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z65DBTR-R1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ20Z65DBTR-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
bq20z65-R1
SLUS990 – DECEMBER 2009
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O(1)
DESCRIPTION
NO.
NAME
1
DSG
O
High side N-chan discharge FET gate drive
Battery pack input voltage sense input. It also serves as device wake up when device is in shutdown
2
PACK
IA, P
mode.
Positive device supply input. Connect to the center connection of the CHG FET and DSG FET to
3
VCC
P
ensure device supply either from battery stack or battery pack input
4
ZVCHG
O
P-chan pre-charge FET gate drive
High voltage general purpose open drain output. Can be configured to be used in pre-charge
5
GPOD
OD
condition
Pre-charge mode setting input. Connect to PACK to enable 0v pre-charge using charge FET
6
PMS
I
connected at CHG pin. Connect to VSS to disable 0V pre-charge using charge FET connected at
CHG pin.
7
VSS
P
Negative supply voltage input. Connect all VSS pins together for operation of device
8
REG33
P
3.3V regulator output. Connect at least a 2.2
μF capacitor to REG33 and VSS
9
TOUT
P
Thermistor bias supply output
10
VCELL+
-
Internal cell voltage multiplexer and amplifier output. Connect a 0.1
μF capacitor to VCELL+ and VSS
Alert output. In case of short circuit condition, overload condition and watchdog time out this pin will
11
ALERT
OD
be triggered.
12
NC
-
Not used - leave floating
13
TS1
IA
1st Thermistor voltage input connection to monitor temperature
14
TS2
IA
2nd Thermistor voltage input connection to monitor temperature
15
PRES
I
Active low input to sense system insertion. Typically requires additional ESD protection.
Active low input to detect secondary protector status, and to allow the bq20z65-R1 to report the
16
PFIN
I
status of the 2nd level protection input.
17
SAFE
OD
Active high output to enforce additional level of safety protection; e.g., fuse blow.
SMBus data open-drain bidirectional pin used to transfer address and data to and from the
18
SMBD
I/OD
bq20z65-R1
19
NC
-
Not used - leave floating
SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the
20
SMBC
I/OD
bq20z65-R1
Display control for the LEDs. This pin is typically connected to VCC via a 100k
Ω resistor and a push
21
DISP
I
button switch connected to VSS.
22
VSS
P
Negative supply voltage input. Connect all VSS pins together for operation of device
23
LED1
I
LED1 display segment that drives an external LED depending on the firmware configuration
24
LED2
I
LED2 display segment that drives an external LED depending on the firmware configuration
25
LED3
I
LED3 display segment that drives an external LED depending on the firmware configuration
26
LED4
I
LED4 display segment that drives an external LED depending on the firmware configuration
27
LED5
I
LED5 display segment that drives an external LED depending on the firmware configuration
28
GSRP
IA
Coulomb counter differential input. Connect to one side of the sense resistor
29
GSRN
IA
Coulomb counter differential input. Connect to one side of the sense resistor
Master reset input that forces the device into reset when held low. Must be held high for normal
30
MRST
I
operation. Connect to RESET for correct operation of device
31
VSS
P
Negative supply voltage input. Connect all VSS pins together for operation of device
32
REG25
P
2.5V regulator output. Connect at least a 1mF capacitor to REG25 and VSS
RAM / Register backup input. Connect a capacitor to this pin and VSS to protect loss of RAM /
33
RBI
P
Register data in case of short circuit condition.
34
VSS
P
Negative supply voltage input. Connect all VSS pins together for operation of device
35
RESET
O
Reset output. Connect to MSRT.
36
ASRN
IA
Short circuit and overload detection differential input. Connect to sense resistor
37
ASRP
IA
Short circuit and overload detection differential input. Connect to sense resistor
(1)
I = Input, IA = Analog input, I/O = Input/output, I/OD = Input/Open-drain output, O = Output, OA = Analog output, P = Power
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com