Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z65DBTR-R1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z65DBTR-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z65DBTR-R1 Datasheet(HTML) 5 Page - Texas Instruments

  BQ20Z65DBTR-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
bq20z65-R1
www.ti.com
SLUS990 – DECEMBER 2009
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O(1)
DESCRIPTION
NO.
NAME
Cell votage sense input and cell balancing input for the negative voltage of the bottom cell in cell
38
VC5
IA, P
stack.
Cell votage sense input and cell balancing input for the positive voltage of the bottom cell and the
39
VC4
IA, P
negative voltage of the second lowest cell in cell stack.
Cell voltage sense input and cell balancing input for the positive voltage of the second lowest cell in
40
VC3
IA, P
cell stack and the negative voltage of the second highest cell in 4 cell applications.
Cell voltage sense input and cell balancing input for the positive voltage of the second highest cell
41
VC2
IA, P
and the negative voltage of the highest cell in 4 cell applications. Connect to VC3 in 2 cell stack
applications.
Cell voltage sense input and cell balancing input for the positive voltage of the highest cell in cell
42
VC1
IA, P
stack in 4 cell applications. Connect to VC2 in 3 or 2 cell stack applications.
43
BAT
I, P
Battery stack voltage sense input.
44
CHG
O
High side N-channel charge FET gate drive
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature (unless otherwise noted)
(1)
PIN
UNIT
BAT, VCC
–0.3 V to 34 V
PACK, PMS
–0.3 V to 34 V
VSS
Supply voltage range
VC(n)-VC(n+1); n = 1, 2, 3, 4
–0.3 V to 8.5 V
VC1, VC2, VC3, VC4
–0.3 V to 34 V
VC5
–0.3 V to 1 V
PFIN, SMBD, SMBC. LED1, LED2, LED3,
–0.3 V to 6 V
LED4, LED5, DISP
TS1, TS2, SAFE, VCELL+, PRES, ALERT
–0.3 V to V(REG25) + 0.3 V
VIN
Input voltage range
MRST, GSRN, GSRP, RBI
–0.3 V to V(REG25) + 0.3 V
ASRN, ASRP
–1 V to 1 V
DSG, CHG, GPOD
–0.3 V to 34 V
ZVCHG
–0.3 V to V (BAT)
VOUT
Output voltage range
TOUT, ALERT, REG33
–0.3 V to 6 V
RESET
–0.3 V to 7 V
REG25
–0.3 V to 2.75 V
PRES, PFIN, SMBD, SMBC, LED1, LED2,
ISS
Maximum combined sink current for input pins
50 mA
LED3, LED4, LED5
TA
Operating free-air temperature range
–40°C to 85°C
TF
Functional temperature
–40°C to 100°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted)
PIN
MIN
NOM
MAX
UNIT
VSS
Supply voltage
VCC, BAT
4.5
25
V
V(STARTUP)
Minimum startup voltage
VCC, BAT, PACK
5.5
V
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com