Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP205A Datasheet(PDF) 1 Page - RFHIC

Part # AP205A
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP205A Datasheet(HTML) 1 Page - RFHIC

  AP205A Datasheet HTML 1Page - RFHIC AP205A Datasheet HTML 2Page - RFHIC AP205A Datasheet HTML 3Page - RFHIC AP205A Datasheet HTML 4Page - RFHIC AP205A Datasheet HTML 5Page - RFHIC AP205A Datasheet HTML 6Page - RFHIC AP205A Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
M
MM
MIIC
C
A
AP
P2
20
05
5A
A
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Product Features
Application
• 50 ~ 3000MHz
• GaAs MMIC
• 43dBm Output IP3
• 14.0dB Gain
• 22dBm P1 dB
• Single +5V Supply
• SOT-89 SMT Package
• CDMA, W-CDMA Medium Power Amplifier
• High Linearity Drive Amplifier
Description
AP205A is a high linearity amplifier designed with GaAs MMIC in a low cost SOT-89 package.
It is designed for applications such as GSM, CDMA, W-CDMA drive devices which require high IP3.
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
MAX
Device Voltage
VDC
+9
RF Input Power(Continuous)
dBm
+7
Storage Temperature
℃
-40
+150
Operating Ranges
PARAMETER
UNIT
MIN
TYP
MAX
Operating Frequency
MHz
50
3000
Device Voltage
VDC
+5
+6
Case Temperature
℃
-40
+85
Electrical Specifications
(Ta=+25℃, VDD=+5V, Test Freq=900 MHz)
PARAMETER
Units
Min
Typ
Max
Gain (S21)
dB
12
14
Input Return Loss (S11)
dB
-17
Output Return Loss (S22)
dB
-15
Output 3rd Order Intercept Point (OIP3)
dBm
38
43
Output 1dB compression Point (P1dB)
dBm
22
Noise Figure
dB
2.3
DC Operating Current
mA
90
115
140
Supply Voltage
Vdc
+5V
Thermal Resistance (Rth)
℃
/W
50
OIP3 is measured with two tones, at an output power of +10dBm/tone separated by 1MHz.
Package Type: SOT-89


Similar Part No. - AP205A

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP205A RFHIC-AP205A_14 Datasheet
266Kb / 8P
High Linearity Drive Amplifier
More results

Similar Description - AP205A

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
MMIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
MMIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
MMIC
SMA3109 ONSEMI-SMA3109 Datasheet
381Kb / 5P
MMIC
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com