Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP205A Datasheet(PDF) 5 Page - RFHIC

Part # AP205A
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP205A Datasheet(HTML) 5 Page - RFHIC

  AP205A Datasheet HTML 1Page - RFHIC AP205A Datasheet HTML 2Page - RFHIC AP205A Datasheet HTML 3Page - RFHIC AP205A Datasheet HTML 4Page - RFHIC AP205A Datasheet HTML 5Page - RFHIC AP205A Datasheet HTML 6Page - RFHIC AP205A Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M
MM
MIIC
C
A
AP
P2
20
05
5A
A
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Application Circuit (2300MHz)
20
25
30
35
40
45
50
2200
2260
2320
2380
2440
2500
Frequency(MHz)
1
2
3
4
5
2200
2260
2320
2380
2440
2500
Frequency(MHz)
19
20
21
22
23
2200
2260
2320
2380
2440
2500
Frequency(MHz)
S-Parameter vs. Frequency
OIP3 vs. Frequency
Noise Figure vs. Frequency
P1dB vs. Frequency
Bill of Material
Parameter
Parameter
C1
1.5 pF
C5
100 pF
C2
33 pF
C6
0.1 uF
C3
39 pF
L1
18 nH
C4
1.0 pF
R1
0 Ω
6
7
8
9
10
11
2200
2260
2320
2380
2440
2500
Frequency(MHz)
-20
-16
-12
-8
-4
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com