Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 12Page - Texas Instruments TAS5713 Datasheet HTML 13Page - Texas Instruments TAS5713 Datasheet HTML 14Page - Texas Instruments TAS5713 Datasheet HTML 15Page - Texas Instruments TAS5713 Datasheet HTML 16Page - Texas Instruments TAS5713 Datasheet HTML 17Page - Texas Instruments TAS5713 Datasheet HTML 18Page - Texas Instruments TAS5713 Datasheet HTML 19Page - Texas Instruments TAS5713 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
Supply Voltage (V)
OUTPUT POWER
vs
SUPPLY VOLTAGE
8
10
12
14
16
18
20
22
24
26
0
5
10
15
20
25
30
35
40
THD+N = 1%
THD+N = 10%
G009
RL = 8Ω
TA = 25°C
Total Output Power (W)
EFFICIENCY
vs
TOTAL OUTPUT POWER
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
90
100
PVDD = 8V
PVDD = 12V
PVDD = 18V
PVDD = 24V
G010
RL = 8Ω
TA = 25°C
Frequency (Hz)
CROSSTALK
vs
FREQUENCY
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
100
1k
10k
20k
Left to Right
Right to Left
G011
PO = 1W
PVDD = 8V
RL = 8Ω
TA = 25°C
Frequency (Hz)
CROSSTALK
vs
FREQUENCY
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
100
1k
10k
20k
Left to Right
Right to Left
G012
PO = 1W
PVDD = 12V
RL = 8Ω
TA = 25°C
TAS5713
SLOS637 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION, 8
Ω (continued)
NOTE: Dashed lines represent thermally limited regions.
NOTE: Dashed lines represent thermally limited regions.
Figure 14.
Figure 15.
Figure 16.
Figure 17.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com