Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5713 Datasheet HTML 1Page - Texas Instruments TAS5713 Datasheet HTML 2Page - Texas Instruments TAS5713 Datasheet HTML 3Page - Texas Instruments TAS5713 Datasheet HTML 4Page - Texas Instruments TAS5713 Datasheet HTML 5Page - Texas Instruments TAS5713 Datasheet HTML 6Page - Texas Instruments TAS5713 Datasheet HTML 7Page - Texas Instruments TAS5713 Datasheet HTML 8Page - Texas Instruments TAS5713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Check for Samples: TAS5713
1
FEATURES
2
•
Audio Input/Output
•
Benefits
–
25-W Into an 8-
Ω Load From a 20-V Supply
–
EQ: Speaker Equalization Improves Audio
Performance
–
Wide PVDD Range, From 8 V to 26 V
–
DRC: Dynamic Range Compression. Can
–
Supports BTL Configuration With 4-
Ω Load
Be Used As Power Limiter. Enables
–
Efficient Class-D Operation Eliminates
Speaker Protection, Easy Listening,
Need for Heatsinks
Night-Mode Listening
–
One Serial Audio Input (Two Audio
–
Autobank Switching: Preload Coefficients
Channels)
for Different Sample Rates. No Need to
–
I2C Address Selection Pin (Chip Select)
Write New Coefficients to the Part When
–
Single Output Filter PBTL Support
Sample Rate Changes
–
Supports 8-kHz to 48-kHz Sample Rate
–
Autodetect: Automatically Detects
(LJ/RJ/I2S)
Sample-Rate Changes. No Need for
•
Audio/PWM Processing
External Microprocessor Intervention
–
Independent Channel Volume Controls With
DESCRIPTION
Gain of 24 dB to Mute
–
Programmable Two-Band Dynamic-Range
The TAS5713 is a 25-W, efficient, digital-audio power
amplifier for driving stereo bridge-tied speakers. One
Control
serial data input allows processing of up to two
–
22 Programmable Biquads for Speaker EQ
discrete audio channels and seamless integration to
and Other Audio-Processing Features
most digital audio processors and MPEG decoders.
–
Programmable Coefficients for DRC Filters
The device accepts a wide range of input data and
data rates. A fully programmable data path routes
–
DC Blocking Filters
these channels to the internal speaker drivers.
•
General Features
The TAS5713 is a slave-only device receiving all
–
I2C Serial Control Interface Operational
clocks from external sources. The TAS5713 operates
Without MCLK
with a PWM carrier between a 384-kHz switching rate
–
Requires Only 3.3 V and PVDD
and a 352-KHz switching rate, depending on the input
–
No External Oscillator: Internal Oscillator
sample
rate.
Oversampling
combined
with
a
for Automatic Rate Detection
fourth-order noise shaper provides a flat noise floor
and excellent dynamic range from 20 Hz to 20 kHz..
–
Surface-Mount, 48-Pin, 7-mm × 7-mm
HTQFP Package
–
Thermal and Short-Circuit Protection
–
106-dB SNR, A-Weighted
–
AD and BD PWM-Mode Support
–
Up to 90% Efficient
A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 65P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI2-TAS5713 Datasheet
2Mb / 72P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
REVISED AUGUST 2010
TAS5713PHPR TI-TAS5713PHPR Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713PHPR TI-TAS5713PHPR Datasheet
1Mb / 65P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727 Datasheet
1Mb / 61P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI1-TAS5715_14 Datasheet
3Mb / 75P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727_14 Datasheet
1Mb / 62P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com