Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD20T2 Datasheet(PDF) 1 Page - RFHIC

Part # PD20T2
Description  2Way Power Divider
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

PD20T2 Datasheet(HTML) 1 Page - RFHIC

  PD20T2 Datasheet HTML 1Page - RFHIC PD20T2 Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
2W
Wa
ay
y
P
Po
ow
we
er
r D
Diiv
viid
de
er
r
P
PD
D2
20
0T
T2
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.1
Product Features
Application
• Passive Integration on Silicon
• Low Insertion Loss
• High Isolation
• Solder Pad
• Good Balance
• Low Cost
• Repeater
• Base Station
• RF Sub-Systems
Description
The 2 way power divider is low loss, high isolation, good matching, and phase / amplitude.
The PD20T2 is a monolithic two-way in phase hybrid junction tuned for the 1900~2200MHz band.
Specifications at 25℃
Block Diagram & Pin Out
Absolute Maximum Ratings
PARAMETER
Units
Min
Typ
Max
Frequency Range
MHz
1900
2200
Insertion Loss
dB
0.3
0.5
Input Return Loss
dB
15
19
Output Return Loss
dB
20
23
Isolation
dB
18
31
Phase difference
Deg.
1
3
Amplitude difference
dB
0.1
0.3
Remarks
MHz
2100
Output_2
Output_1
Input
Parameter
Value
Input Power
1 W
Operating
Temperature
-40 ~ +85℃
Storage
Temperature
-65 ~ + 150℃
Package : SOT-23-6L


Similar Part No. - PD20T2

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PD20 EDI-PD20 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
LUMEL S.A.
PD20 LUMEL-PD20 Datasheet
431Kb / 2P
USB/RS-485 INTERFACE CONVERTER
PD20 00M0 LUMEL-PD20 00M0 Datasheet
431Kb / 2P
USB/RS-485 INTERFACE CONVERTER
logo
Tyco Electronics
PD20-0010-S MACOM-PD20-0010-S Datasheet
22Kb / 1P
Three-Way In-Phase Power Divider 25 - 1000 MHz
logo
TRINAMIC Motion Control...
PD20-1-1210 TRINAMIC-PD20-1-1210 Datasheet
1Mb / 24P
PD20-1-1210 Hardware Manual
2019-APR-03
More results

Similar Description - PD20T2

ManufacturerPart #DatasheetDescription
logo
RFHIC
PD09C2 RFHIC-PD09C2 Datasheet
171Kb / 2P
2Way Power Divider
PD09T2 RFHIC-PD09T2 Datasheet
166Kb / 2P
2Way Power Divider
PD18T2 RFHIC-PD18T2 Datasheet
166Kb / 2P
2Way Power Divider
PD20C2 RFHIC-PD20C2 Datasheet
168Kb / 2P
2Way Power Divider
PD23C2 RFHIC-PD23C2 Datasheet
168Kb / 2P
2Way Power Divider
PD23T2 RFHIC-PD23T2 Datasheet
164Kb / 2P
2Way Power Divider
PD26C2 RFHIC-PD26C2 Datasheet
168Kb / 2P
2Way Power Divider
PD26T2 RFHIC-PD26T2 Datasheet
164Kb / 2P
2Way Power Divider
PD36C2 RFHIC-PD36C2 Datasheet
168Kb / 2P
2Way Power Divider
PD36T2 RFHIC-PD36T2 Datasheet
164Kb / 2P
2Way Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com