Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP6028 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDP6028
Description  Triple input LCD controller for WSXGA and WUXGA applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP6028 Datasheet(HTML) 1 Page - STMicroelectronics

  STDP6028 Datasheet HTML 1Page - STMicroelectronics STDP6028 Datasheet HTML 2Page - STMicroelectronics STDP6028 Datasheet HTML 3Page - STMicroelectronics STDP6028 Datasheet HTML 4Page - STMicroelectronics STDP6028 Datasheet HTML 5Page - STMicroelectronics STDP6028 Datasheet HTML 6Page - STMicroelectronics STDP6028 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2009
Doc ID 15270 Rev 2
1/7
7
STDP6026, STDP6028, STDP6038
Triple input LCD controller for WSXGA+ and WUXGA applications
Features
■ Programmable zoom and shrink scaling
■ DisplayPort 1.1a compliant receiver - 4-lane
DisplayPort input
■ Ultra-Reliable DVI® receiver (165 MHz)
■ Triple-channel (10-bit) ADC (205 MHz) and
PLL
■ Faroudja RealColor® color processing:
– Image enhancement
– 12-bit processing
– Deep color support
– xvYCC color space support
■ Dual channel 8-bit LVDS output
■ HDMI 1.3 RX integrated with I2S (L/R channel)
or SPDIF audio output ports
■ Intel x86-compatible microcontroller with
external SPI ROM interface
■ 12-bit panel gamma correction and high-quality
dithering for 8-bit and 6-bit panel interface
■ DDC controller for host interface purposes
■ PWM signals for backlight, audio volume
control, etc.
■ Energy Spectrum Management® (ESM®)
■ Package: 128-pin PQFP
Applications
■ WSXGA+/FHD/WUXGA LCD monitors with
VGA, DP, HDMI 1.3 or DVI inputs (supports
wide-gamut panels and high color fidelity
applications)
STDP60xx
Main Link
AUX CH
Flash
HPD_out
Data, Control
Video
DP
DP Tx
DP Tx
HDMI
VGA/
YPrPb
SPI
Flash
SPI
DDC
Clock
Audio
DAC / Amp
Speakers
LCD Panel
I
2S / SPDIF
LVDS
Flash
Crystal
Key pad /
LED
Syncs
www.st.com


Similar Part No. - STDP6028

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
STDP2550 KINETIC-STDP2550 Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2550-AD KINETIC-STDP2550-AD Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2550-ADT KINETIC-STDP2550-ADT Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2600 KINETIC-STDP2600 Datasheet
326Kb / 4P
Advanced HDMI to DisplayPort Converter
October 2020 - Revision 03b
STDP2600-AD KINETIC-STDP2600-AD Datasheet
326Kb / 4P
Advanced HDMI to DisplayPort Converter
October 2020 - Revision 03b
More results

Similar Description - STDP6028

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
Advanced PWM and Triple Linear Power Controller for Gateway Applications
October 2001
logo
STMicroelectronics
GM5621 STMICROELECTRONICS-GM5621 Datasheet
119Kb / 8P
Dual input LCD controller for entry level applications
09-Oct-2008
logo
Renesas Technology Corp
ISL6432 RENESAS-ISL6432 Datasheet
685Kb / 12P
PWM and Triple Linear Power Controller for Home Gateway Applications
logo
LG Semicon Co.,Ltd.
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
42.0 WUXGA TFT LCD
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
47.0 WUXGA TFT LCD
LM201W01 LG-LM201W01 Datasheet
782Kb / 29P
20.1 WSXGA TFT LCD
logo
AU Optronics Corp.,
M201EW02-V8 AUO-M201EW02-V8 Datasheet
1Mb / 25P
20.1 W WSXGA Color TFT-LCD
logo
LG Semicon Co.,Ltd.
LP171WU1 LG-LP171WU1 Datasheet
910Kb / 27P
17.1 WUXGA TFT LCD
LM201WE3 LG-LM201WE3 Datasheet
722Kb / 29P
Liquid Crystal Display WSXGA TFT LCD
LM240WU8 LG-LM240WU8 Datasheet
1Mb / 32P
24.0??WUXGA TFT LCD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com