Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP6038-AC Datasheet(PDF) 2 Page - STMicroelectronics

Part # STDP6038-AC
Description  Triple input LCD controller for WSXGA and WUXGA applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP6038-AC Datasheet(HTML) 2 Page - STMicroelectronics

  STDP6038-AC Datasheet HTML 1Page - STMicroelectronics STDP6038-AC Datasheet HTML 2Page - STMicroelectronics STDP6038-AC Datasheet HTML 3Page - STMicroelectronics STDP6038-AC Datasheet HTML 4Page - STMicroelectronics STDP6038-AC Datasheet HTML 5Page - STMicroelectronics STDP6038-AC Datasheet HTML 6Page - STMicroelectronics STDP6038-AC Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Description
STDP6026, STDP6028, STDP6038
2/7
Doc ID 15270 Rev 2
1
Description
STDP60xx is an all-in-one LCD monitor controller with analog (RGB), DVI, DisplayPort 1.1a
inputs and supporting resolutions up to WUXGA in a 128 PQFP package. The STDP60xx
leverages Genesis Microchip's patented advanced image-processing technology, as well as
a proven integrated ADC/PLL and an Ultra-Reliable DVI compliant digital receiver to deliver
a high-quality solution for mainstream dual input monitors. The output section contains a
dual channel 8-bit LVDS transmitter for direct interfacing of commercially available LVDS
LCD panel module. In addition, STDP60xx includes an integrated x86 OCM with SPI
compatible interface, advanced color control features, a multicolor proportional font OSD
engine, and a number of system I/O components. Along with the high quality and reliability,
STDP60xx also provides a very low cost system design by reducing the number of system
components by deploying on a small 2-layer PCB.
Figure 1.
System diagram
STDP60xx
Serial Flash
DisplayPort
1.1a
HDMI
1.3
VGA
Dual LVDS
1920x1200
Audio
Amp
I2S
SPDIF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com