Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP6038-AC Datasheet(PDF) 4 Page - STMicroelectronics

Part # STDP6038-AC
Description  Triple input LCD controller for WSXGA and WUXGA applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP6038-AC Datasheet(HTML) 4 Page - STMicroelectronics

  STDP6038-AC Datasheet HTML 1Page - STMicroelectronics STDP6038-AC Datasheet HTML 2Page - STMicroelectronics STDP6038-AC Datasheet HTML 3Page - STMicroelectronics STDP6038-AC Datasheet HTML 4Page - STMicroelectronics STDP6038-AC Datasheet HTML 5Page - STMicroelectronics STDP6038-AC Datasheet HTML 6Page - STMicroelectronics STDP6038-AC Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Feature attributes
STDP6026, STDP6028, STDP6038
4/7
Doc ID 15270 Rev 2
–
Programmable signal amplitude and driving strength
●
Highly integrated system-on-a-chip
–
On-chip reset circuit to eliminate external reset IC
–
Broader PWM range from 50 Hz ~ 1 kHz with 256 steps adjustable duty cycle
–
LED direct drive pins
–
Programmable dithering block
–
Store HDCP key in embedded OTP ROM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com