Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA370BWS Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA370BWS
Description  2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA370BWS Datasheet(HTML) 1 Page - STMicroelectronics

  STA370BWS Datasheet HTML 1Page - STMicroelectronics STA370BWS Datasheet HTML 2Page - STMicroelectronics STA370BWS Datasheet HTML 3Page - STMicroelectronics STA370BWS Datasheet HTML 4Page - STMicroelectronics STA370BWS Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2009
Doc ID 16884 Rev 1
1/5
5
STA370BWS
2.1-channel 40-W high-efficiency digital audio system
Sound Terminal™
Features
Wide-range supply voltage, 7.0 V to 21.5 V
Three power output configurations:
– 2 channels of ternary PWM
(2 x 20 W into 8
Ω at 18 V) + PWM output
– 2 channels of ternary PWM
(2 x 20 W into 8
Ω at 18 V) + ternary stereo
line-out
– 2.1 channels of binary PWM (left, right,
LFE) (2 x 9 W into 4
Ω + 1 x 20 W into 8 Ω
at 18 V)
Load-driving capabilities:
– 11 W into 6
Ω at 14 V, ternary
– 20 W into 4
Ω at 14 V, ternary
FFX with 100-dB SNR and dynamic range
Scalable FFX modulation index (up to 100%)
Selectable 32- to 192-kHz input sample rates
I2C control with selectable device address
Digital gain/attenuation +48 dB to -80 dB with
step resolution:
– 0.125 dB/step from -60 dB to +48 dB
– 0.25 dB/step from -80 dB to -60 dB
Soft volume update with programmable ratio
Individual channel and master gain/attenuation
and soft/hard mute.
Two independent DRCs configurable as a
dual-band anti-clipper (B2DRC) or as
independent limiters/compressors with
optional global DRC capability
EQ-DRC for DRC based on filtered signals
Dedicated LFE processing for bass boosting
with 0.125-dB/step resolution
Audio presets:
– 15 preset crossover filters
– 5 preset anti-clipping modes
– Preset night-time listening mode
I2S input data interface
Input and output channel mapping
Programmable zero-detect mute
Automatic invalid input-detect mute
Up to 8 user-programmable biquads/channel
Three coefficients banks for EQ presets storing
with fast recall via I2C interface
Extended filter dynamics +4/-4 for better sound
shaping and easier filter implementation
Bass/treble tones and de-emphasis control
Selectable high-pass filter for DC blocking
Advanced AM interference frequency
switching and noise suppression modes
F3X™ advanced PWM modulation scheme for
carrier suppression (headphone or line output)
Selectable high- or low-bandwidth
noise-shaping topologies
96-kHz internal processing sample rate with
quantization error noise shaping for very low
cut-off frequency filters
Full short-circuit protection at device power-up
Coefficient checksum with software reset
capabilities
Table 1.
Device summary
Order code
Package
Packing
STA370BWS
PowerSSO-36 EPD
Tube
STA370BWSTR PowerSSO-36 EPD
Tape and reel
PowerSSO-36
with exposed pad down (EPD)
www.st.com


Similar Part No. - STA370BWS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA371A SANKEN-STA371A Datasheet
23Kb / 1P
NPN Darlington With built-in avalanche diode
More results

Similar Description - STA370BWS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333BW STMICROELECTRONICS-STA333BW_11 Datasheet
2Mb / 67P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
January 2011 Rev 3
STA339BWS STMICROELECTRONICS-STA339BWS_11 Datasheet
2Mb / 76P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Nov-2011
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
Sound Terminal® 2.1-channel high-efficiency digital audio system
04-Apr-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA339BWS13TR STMICROELECTRONICS-STA339BWS13TR Datasheet
2Mb / 76P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
22-Nov-2011
STA369BWS STMICROELECTRONICS-STA369BWS_V01 Datasheet
1Mb / 92P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Sep-2014
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com