Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA370BWS Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA370BWS
Description  2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA370BWS Datasheet(HTML) 3 Page - STMicroelectronics

  STA370BWS Datasheet HTML 1Page - STMicroelectronics STA370BWS Datasheet HTML 2Page - STMicroelectronics STA370BWS Datasheet HTML 3Page - STMicroelectronics STA370BWS Datasheet HTML 4Page - STMicroelectronics STA370BWS Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STA370BWS
Applications
Doc ID 16884 Rev 1
3/5
2
Applications
Figure 1.
Applications circuit
Figure 2.
Output low-pass filtering
C10
100nF
C2
100uF
C5
1nF
SCL
SDA
SW1
RESET
3V3
C8
2.2uF
Vcc
RESET
C3
100nF
OUT4B
OUT4A
C4
1uF
C6
100nF
C7
100nF
C9
1uF
INTL1
C11
100nF
C1
100nF
OUT3B
OUT3A
LRCKI
PWDN
3V3
OUT2B
XTI
BICKI
OUT2A
GND_SUB
1
SA
2
TEST_MODE
3
Vss
4
Vcc_REG
5
OUT2B
6
GND2
7
Vcc2
8
OUT2A
9
OUT1B
10
Vcc1
11
GND1
12
OUT1A
13
GND_REG
14
Vdd
15
CONFIG
16
OUT3B
17
OUT3A
18
EAPD/OUT4A
19
TWARN/OUT4B
20
Vdd_DIG
21
GND_DIG
22
PWRDN
23
N.C.
24
PLL_DC
25
PLL_GND
26
XTI
27
BICKI
28
LRCKI
29
SDI
30
RESET
31
INT_LINE
32
SDA
33
SCL
34
GND_DIG
35
Vdd_DIG
36
U1
STA370BWS
OUT1B
DATA
OUT1A
R1
10K
L1
22uH
L2
22uH
C6
100nF
C1
100nF
C3
470nF
C4
330pF
C5
100nF
R1
22
C2
100nF
R2
6R2
LS1
8ohm
OUTxA
OUTxB
R3
6R2
L1
22uH
L2
22uH
C6
220nF
C1
220nF
C3
1uF
C4
330pF
C5
220nF
R1
22
C2
220nF
R2
3R3
LS1
4ohm
OUTxA
OUTxB
R3
3R3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com