Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM320HAY30TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # LSM320HAY30TR
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LSM320HAY30TR Datasheet HTML 20Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 21Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 22Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 23Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 24Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 25Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 26Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 27Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Digital interfaces
LSM320HAY30
24/42
Doc ID 16917 Rev 1
The SPI Read command is performed with 16 clock pulses. A multiple byte read command
is performed adding blocks of 8 clock pulses after the previous one.
bit 0: READ bit. The value is 1.
bit 1: MS bit. When 0, do not increment the address. When 1, increment the address in
multiple reading.
bit 2-7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first).
bit 16-... : data DO(...-8). Further data in multiple byte reading.
Figure 7.
Multiple byte SPI read protocol (2 byte example)
6.2.2
SPI write
Figure 8.
SPI write protocol
The SPI Write command is performed with 16 clock pulses. A multiple byte write command
is performed adding blocks of 8 clock pulses after the previous one.
bit 0: WRITE bit. The value is 0.
bit 1: MS bit. When 0, do not increment the address. When 1, increment the address in
multiple writing.
bit 2 -7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that is written to the device (MSb first).
bit 16-... : data DI(...-8). Further data in multiple byte writing.
CS
SPC
SDI
SDO
RW
DO7DO6 DO5DO4 DO3DO2 DO1DO0
AD5 AD4 AD3 AD2 AD1 AD0
DO15DO14DO13DO12DO11DO10DO9 DO8
MS
CS
SPC
SDI
RW
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
AD5 AD4 AD3 AD2 AD1 AD0
MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com