Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM320HAY30TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # LSM320HAY30TR
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LSM320HAY30TR Datasheet HTML 24Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 25Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 26Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 27Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 28Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 29Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 30Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 31Page - STMicroelectronics LSM320HAY30TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Register description
LSM320HAY30
28/42
Doc ID 16917 Rev 1
8
Register description
The device contains a set of registers which are used to control acceleration portion
behavior and to retrieve acceleration data. The register address, composed of 7 bits, is used
to identify them and to write the data through the serial interface.
8.1
WHO_AM_I (0Fh)
This register is the device identification register, and contains the device identifier which, for
the LSM320HAY30, is set to 32h.
8.2
LA_CTRL_REG1 (20h)
PM bits allow selection between power-down and two operating active modes. The device is
in power-down mode when the PD bits are set to “000” (default value after boot).
Table 18
shows all the possible power mode configurations and respective output data rates. Output
data in the low-power modes are computed with a low-pass filter cut-off frequency defined
by DR1, DR0 bits.
DR bits, in normal mode operation, select the data rate at which acceleration samples are
produced. In low-power mode they define the output data resolution.
Table 19 shows all the
possible configurations for the DR1 and DR0 bits.
Table 15.
WHO_AM_I register
0
011
00
10
Table 16.
LA_CTRL_REG1 register
PM2
PM1
PM0
DR1
DR0
Zen
Yen
Xen
Table 17.
LA_CTRL_REG1 description
PM2 - PM0
Power mode selection. Default value: 000
(000: Power-down; Others: refer to
Table 18)
DR1, DR0
Data rate selection. Default value: 00
(00:50 Hz; others: refer to
Table 19)
Zen
Z axis enable. Default value: 1
(0: Z axis disabled; 1: Z axis enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com