Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3713 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N3713
Description  EPITAXIAL-BASE NPN - PNP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3713 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N3713 Datasheet HTML 1Page - Comset Semiconductor 2N3713 Datasheet HTML 2Page - Comset Semiconductor 2N3713 Datasheet HTML 3Page - Comset Semiconductor 2N3713 Datasheet HTML 4Page - Comset Semiconductor 2N3713 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
COMSET SEMICONDUCTORS
2/5
2N3713/2N3714/2N3715/2N3716 - NPN
2N3789/2N3790/2N3791/2N3792 - PNP
Symbol
Ratings
Value
Unit
IC
Collector Current
2N3789
2N3790
2N3791
2N3792
2N3713
2N3714
2N3715
2N3716
10
A
IB
Base Current
2N3789
2N3790
2N3791
2N3792
2N3713
2N3714
2N3715
2N3716
4.0
A
PD
Total Device Dissipation
@ TC = 25°
2N3789
2N3790
2N3791
2N3792
2N3713
2N3714
2N3715
2N3716
150
Watts
W/°C
TJ
Junction Temperature
TS
Storage Temperature
2N3789
2N3790
2N3791
2N3792
2N3713
2N3714
2N3715
2N3716
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
(Max)
2N3789
2N3790
2N3791
2N3792
2N3713
2N3714
2N3715
2N3716
1.17
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com