Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3713 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N3713
Description  EPITAXIAL-BASE NPN - PNP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3713 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N3713 Datasheet HTML 1Page - Comset Semiconductor 2N3713 Datasheet HTML 2Page - Comset Semiconductor 2N3713 Datasheet HTML 3Page - Comset Semiconductor 2N3713 Datasheet HTML 4Page - Comset Semiconductor 2N3713 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
COMSET SEMICONDUCTORS
3/5
2N3713/2N3714/2N3715/2N3716 - NPN
2N3789/2N3790/2N3791/2N3792 - PNP
ELETRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
2N3789
2N3791
2N3713
2N3715
60
-
-
VCEO(SUS)
Collector-Emitter Sustaining
Voltage
IC=200 mA, IB=0 (1)
2N3790
2N3792
2N3714
2N3716
80
-
-
V
VCE=30 V, IB=0
2N3789
2N3791
2N3713
2N3715
--
0.7
ICEO
Collector-Emitter Current
VCE=40 V, IB=0
2N3790
2N3792
2N3714
2N3716
--
0.7
mA
VCE=80 V, VEB=-1.5 V
2N3789
2N3791
2N3713
2N3715
--
1.0
VCE=100 V, VEB=-1.5 V, TC =
150°C
2N3790
2N3792
2N3714
2N3716
--
1.0
VCE=60 V, VEB=-1.5 V, TC =
150°C
2N3789
2N3791
2N3713
2N3715
--
10
ICEV
Collector Cutoff Current
VCE=80 V, VEB(off)=-1.5 V, TC =
150°C
2N3790
2N3792
2N3714
2N3716
--
10
mA
IEBO
Emitter Cutoff Current
VBE=7.0 V, IC=0
2N3789
2N3790
2N3791
2N3792
2N3713
2N3714
2N3715
2N3716
--
5.0
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com