Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUR52 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUR52
Description  HIGH CURRENT NPN SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUR52 Datasheet(HTML) 2 Page - Comset Semiconductor

  BUR52 Datasheet HTML 1Page - Comset Semiconductor BUR52 Datasheet HTML 2Page - Comset Semiconductor BUR52 Datasheet HTML 3Page - Comset Semiconductor BUR52 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BUR52
COMSET SEMICONDUCTORS
2/4
Symbol
Ratings
Value
Unit
IB
Base Current
16
A
PT
Power Dissipation
@ TC = 25°
350
Watts
TJ
Junction Temperature
200
TS
Storage Temperature
-55 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
0.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
ICEO
Collector Cutoff Current
VCE = 250 V ; (IB = 0)
-
-
1
mA
IEBO
Emitter Cutoff Current
VBE = 7 V ; (IC = 0)
-
-
0.2
µA
TCASE = 25°C ; VCB = 350 V ; (IE = 0)
-
-
0.2
ICBO
Collector Cutoff Current
TCASE = 125°C ; VC = 350 V ; (IE = 0)
-
-
2
mA
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC = 200 A
250
-
-
V
VEBO
Emitter-Base Voltage
IC = 10 mA ; (IC = 0)
10
-
-
V
IC = 25 A ; IB = 2 A
-
-
1
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC = 40 A ; IB = 4 A
-
0.7
1.5
V
IC = 25 A ; IB = 2 A
-
-
1.8
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC = 40 A ; IB = 4 A
-
1.5
2
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com