Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUR52 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BUR52
Description  HIGH CURRENT NPN SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUR52 Datasheet(HTML) 3 Page - Comset Semiconductor

  BUR52 Datasheet HTML 1Page - Comset Semiconductor BUR52 Datasheet HTML 2Page - Comset Semiconductor BUR52 Datasheet HTML 3Page - Comset Semiconductor BUR52 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BUR52
COMSET SEMICONDUCTORS
3/4
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
VCE = 4 V ; IC = 5 A
20
-
100
hFE
DC Current Gain (*)
VCE = 4 V ; IC = 40 A
15
-
-
-
Is/b
Second Breakdown
Collector Current
VCE = 20 V ; t = 1 s
17.5
-
-
A
fT
Transition - Frequency
VCE = 5 V ; IC = 1 A ; f = 1 MHz
-
10
16
MHz
ton
Turn-on time
VCC = 100 V ; IC = 40 A ; IB1 = 4 A
-
0.3
1
µs
ts
Storage Time
-
1.2
2
ff
Fall Time
VCC = 100 V ; IC = 40 A
IB1= 4 A ; IB2 = -4 A
-
0.2
0.6
µs
Clamped Es/b Collector
Current
Vclamp = 250 V ; L = 500 µH
40
-
-
A
(*) Pulse duration = 300
µs, Duty Cycle ∠ 1.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com