Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD024OX8 Datasheet(PDF) 3 Page - AZ Displays

Part # PD024OX8
Description  TECHNICAL SPECIFICATION
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX8 Datasheet(HTML) 3 Page - AZ Displays

  PD024OX8 Datasheet HTML 1Page - AZ Displays PD024OX8 Datasheet HTML 2Page - AZ Displays PD024OX8 Datasheet HTML 3Page - AZ Displays PD024OX8 Datasheet HTML 4Page - AZ Displays PD024OX8 Datasheet HTML 5Page - AZ Displays PD024OX8 Datasheet HTML 6Page - AZ Displays PD024OX8 Datasheet HTML 7Page - AZ Displays PD024OX8 Datasheet HTML 8Page - AZ Displays PD024OX8 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
PD024OX8
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page
3
1. Application
This technical specification applies to a 2.36” color TFT-LCD panel.
This is designed for printer application and other electronic products which require high quality flat
panel display.
2. Features
. Pixel in delta configuration
. Enables an approximately 16,190,000 color display by approximate 8-bit function.
. Provide a 3-wire clock synchronous serial interface for various operation mode settings.
. Built-in TCON, and support serial RGB mode, YUV mode, CIR656 mode.
. Image reversion : Up/Down and Left/Right.
. Built-in control circuit for LED driving.
. Built-in power-save functions such as the stand-by mode.
. Built-in Vcom amplitude voltage output circuit.
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
2.36 (diagonal)
inch
Display Format
160 ( RGB ) 234
dot
Display colors
262,144
Active Area
48.0(H) 35.685(V)
mm
Pixel Pitch
0.3(H) 0.1525 (V)
mm
Pixel Configuration
Delta
Outline Dimension
55.20(W)Ø47.55 (V)Ø2.91(D)(typ.)
mm
Weight
12²1.5
g
Back-light
Three LED
Surface Treatment
Anti – Glare
Display model
Normally white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com