Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD024OX8 Datasheet(PDF) 7 Page - AZ Displays

Part # PD024OX8
Description  TECHNICAL SPECIFICATION
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX8 Datasheet(HTML) 7 Page - AZ Displays

Back Button PD024OX8 Datasheet HTML 3Page - AZ Displays PD024OX8 Datasheet HTML 4Page - AZ Displays PD024OX8 Datasheet HTML 5Page - AZ Displays PD024OX8 Datasheet HTML 6Page - AZ Displays PD024OX8 Datasheet HTML 7Page - AZ Displays PD024OX8 Datasheet HTML 8Page - AZ Displays PD024OX8 Datasheet HTML 9Page - AZ Displays PD024OX8 Datasheet HTML 10Page - AZ Displays PD024OX8 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
PD024OX8
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page
7
Note 5-3: PVDD, VCC = +3.3 V (Typ.)
Note 5-4: Outputs the control signal of switching regulator for LED. Duty cycle varies according to
FB input voltage.
Note 5-5: Feedback signal of switching signal for LED. It controls DRV output duty cycle with 0.6V
input level sense.
6. Absolute Maximum Ratings
The followings are maximum values, which if exceeded, may cause faulty operation or damage to the
unit.
PGND=GND=0V , Ta = 25
Parameter
Symbol
MIN.
MAX.
Unit
Remark
Vcc
-0.3
7
V
Power Supply Voltage
PVDD
-0.3
7
V
Input Signal Voltage
Vcom
-0.5
6.375
V
Digital Input Voltage
VIN
-0.3
Vcc+0.3
V
Maximum clock frequency
Fmax
-
30
MHz
7. Electrical Characteristics
7-1 Operation condition
PGND=GND=0V , Ta = 25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply Voltage for Source Driver
Vcc
3.0
3.3
3.6
PVDD
3.0
3.3
3.6
V
VGH
14.5
15.5
16.5
V
Note 7-1
Supply Voltage for Gate Driver
VGL
-10.5
-9.5
-8.5
V
Note 7-1
VIH
0.7 VCC
-
VCC
V
Digital input voltage
VIL
0
-
0.3 VCC
V
VOH
0.7 VCC
-
VCC
V
Digital output voltage
VOL
0
-
0.3 VCC
V
VCOM AC
-
+5.0
-
VP-P AC Component
of VCOM
VCOM
VCOM DC
-
1.5
-
V
Note 7-2
Note 7-1: VGH and VGL supplied by internal setup-up circuit.
Note 7-2: PVI strongly suggests that the VCOM DC level shall be adjustable , and the adjustable level
range is 1.5 1V , every module’s VCOM DC level shall be carefully adjusted to show a best
image performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com