Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS684TO3 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # CS684TO3
Description  PNP SILICON DARLINGTON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

CS684TO3 Datasheet(HTML) 1 Page - Comset Semiconductor

  CS684TO3 Datasheet HTML 1Page - Comset Semiconductor CS684TO3 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS684 TO3
COMSET SEMICONDUCTORS
1
PNP eptaxial-base transistors in monolithic Darlington circuit for audio and video
applications.
They are mounted in Jedec TO-3 metal package.
Compliance to RoHS.
CS684 is the BD684 in TO3 package.
PNP SILICON DARLINGTON POWER
TRANSISTORS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
-VCEO
Collector-Emitter Voltage
140
V
-VCBO
Collector-Base Voltage
140
V
-VEBO
Emitter-Base Voltage
5
V
-IC
4
-IC
Collector Current
-ICM
6
A
-IB
Base current (peak value)
-IBM
0.1
A
PT
Total power Dissipation
@ Tmb = 25°C
65
Watts
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-mb
Thermal Resistance, Junction to mouting base
3.12
K/W
RthJ-a
Thermal Resistance, Junction to ambient in free air
100
K/W


Similar Part No. - CS684TO3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS6-04DO1 ETC1-CS6-04DO1 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS6-06DO1 ETC1-CS6-06DO1 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS6-07DO1 ETC1-CS6-07DO1 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS6-08 ETC1-CS6-08 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS6-08DO1 ETC1-CS6-08DO1 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
More results

Similar Description - CS684TO3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
PNP SILICON DARLINGTON POWER TRANSISTORS
logo
Savantic, Inc.
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
Silicon PNP Darlington Power Transistors
2SB1625 ISC-2SB1625 Datasheet
142Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1626 ISC-2SB1626 Datasheet
133Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1647 ISC-2SB1647 Datasheet
139Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1588 SAVANTIC-2SB1588 Datasheet
144Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
Silicon PNP Darlington Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com