Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT2 Datasheet(PDF) 10 Page - AZ Displays

Part # PD064VT2
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT2 Datasheet(HTML) 10 Page - AZ Displays

Back Button PD064VT2 Datasheet HTML 6Page - AZ Displays PD064VT2 Datasheet HTML 7Page - AZ Displays PD064VT2 Datasheet HTML 8Page - AZ Displays PD064VT2 Datasheet HTML 9Page - AZ Displays PD064VT2 Datasheet HTML 10Page - AZ Displays PD064VT2 Datasheet HTML 11Page - AZ Displays PD064VT2 Datasheet HTML 12Page - AZ Displays PD064VT2 Datasheet HTML 13Page - AZ Displays PD064VT2 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PD064VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
(3). Detail of Horizontal Timing :
Item
Description
Clock Cycles
Time
A
Horizontal Width
96
3.813 μs
B
Horizontal B-Porch
49
1.907 μs
C
Horizontal Display
640
25.422 μs
D
Horizontal F-Porch
16
0.636 μs
E
Horizontal Total
800
31.778 μs
(4). Detail of Vertical Timing :
Item
Description
Horizontal Lines
Time
A
Vertical Width
2
63.5 μs
B
Vertical B-Porch
33
1.049 ms
C
Vertical Display
480
15.253 ms
D
Vertical F-Porch
10
317.8 μs
E
Vertical Total
525
16.683 ms
AB
C
D
E
Reset Horizontal Counter to Zero
AB
C
D
E
Reset Vertical Counter to Zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com