Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT2 Datasheet(PDF) 15 Page - AZ Displays

Part # PD064VT2
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT2 Datasheet(HTML) 15 Page - AZ Displays

Back Button PD064VT2 Datasheet HTML 11Page - AZ Displays PD064VT2 Datasheet HTML 12Page - AZ Displays PD064VT2 Datasheet HTML 13Page - AZ Displays PD064VT2 Datasheet HTML 14Page - AZ Displays PD064VT2 Datasheet HTML 15Page - AZ Displays PD064VT2 Datasheet HTML 16Page - AZ Displays PD064VT2 Datasheet HTML 17Page - AZ Displays PD064VT2 Datasheet HTML 18Page - AZ Displays PD064VT2 Datasheet HTML 19Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
PD064VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:15
Luminance when LCD is White
Note 9-1 : CR =
Luminance when LCD is Black
Contrast Ratio is measured in optimum common electrode voltage.
Note 9-2 : Topcon BM-7(fast) luminance meter 1°field of view is used in the testing (after 20~30
minutes’ operation).
Note 9-3 : The definitions of viewing angle diagrams :
Note 9-4 : Definition of Response Time Tr and Tf:
100%
90%
10%
0%
White
White
Black
Tr
Tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com