Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-RL Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7858ACPZ-RL
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-RL Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7858ACPZ-RL Datasheet HTML 9Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 10Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 11Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 12Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 13Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 14Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 15Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 16Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 13 of 76
TERMINOLOGY
Measurement Error
The error associated with the energy measurement made by the
ADE7858 is defined by
%
100
–
85
Energy
True
Energy
True
8
ADE7
by
Registered
Energy
Error
t
Measuremen
(1)
Phase Error Between Channels
The high-pass filter (HPF) and digital integrator introduce a
slight phase mismatch between the current and the voltage
channel. The all-digital design ensures that the phase matching
between the current channels and voltage channels in all three
phases is within ±0.1° over a range of 45 Hz to 65 Hz and ±0.2°
over a range of 40 Hz to 1 kHz. This internal phase mismatch
can be combined with the external phase error (from current
sensor or component tolerance) and calibrated with the phase
calibration registers.
Power Supply Rejection (PSR)
This quantifies the ADE7858 measurement error as a
percentage of reading when the power supplies are varied. For
the ac PSR measurement, a reading at nominal supplies (3.3 V)
is taken. A second reading is obtained with the same input
signal levels when an ac signal (TBD mV rms/TBD Hz) is
introduced onto the supplies. Any error introduced by this ac
signal is expressed as a percentage of reading—see the
Measurement Error definition.
For the dc PSR measurement, a reading at nominal supplies
(3.3 V) is taken. A second reading is obtained with the same
input signal levels when the power supplies are varied ±10%.
Any error introduced is again expressed as a percentage of the
reading.
ADC Offset Error
This refers to the dc offset associated with the analog inputs to
the ADCs. It means that with the analog inputs connected to
AGND that the ADCs still see a dc analog input signal. The
magnitude of the offset depends on the gain and input range
selection (see the Typical Performance Characteristics section).
However, the offset is removed from the current and voltage
channels by a HPF and the power calculation is not affected by
this offset.
Gain Error
The gain error in the ADCs of the ADE7858 is defined as the
difference between the measured ADC output code (minus the
offset) and the ideal output code (see the Current Channel ADC
section and the Voltage Channel ADC section). The difference
is expressed as a percentage of the ideal code.
Gain Error Match
The gain error match is defined as the gain error (minus the
offset) obtained when switching between a gain of 1, 2, 4, 8 or
16. It is expressed as a percentage of the output ADC code
obtained under a gain of 1.
CF Jitter
The period of pulses at one of CF1, CF2 or CF3 pins is
continuously measured. The maximum, minimum and average
values of 4 consecutive pulses are computed:
)
,
,
,
max(
3
2
1
0
Period
Period
Period
Period
MAX
)
,
,
,
min(
3
2
1
0
Period
Period
Period
Period
MIN
4
3
2
1
0
Period
Period
Period
Period
AVG
The CF jitter is then computed as
[%]
100
AVG
MIN
MAX
CF jitter
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com