Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-RL Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7858ACPZ-RL
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-RL Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7858ACPZ-RL Datasheet HTML 17Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 18Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 19Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 20Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 21Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 22Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 23Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 24Page - Analog Devices ADE7858ACPZ-RL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 21 of 76


23
2
Register
Gain
Current
of
Content
1
x
Output
DC
A
waveform
Current
(3)
Changing the content of AIGAIN[23:0], BIGAIN[23:0] or
CIGAIN[23:0] affects all calculations based on its current; that
is, it affects the corresponding phase active/reactive/apparent
energy and current rms calculation. In addition, waveform
samples are also scaled accordingly.
Note that the serial ports of the ADE7858 work on 32, 16 or 8-
bit words and the DSP works on 28 bits. The 24-bit AIGAIN,
BIGAIN and CIGAIN registers are accessed as 32-bit registers
with 4 most significant bits padded with 0s and sign extended
to 28 bits. See Figure 15 for details.
24 bit number
0
23
24
27
28
31
0000
bit 23 is sign bit
bits 27-24 equal
to bit 23
Figure 15. 24-bit xIGAIN (x=A,B,C,N) are transmitted as 32-bit words
Current Channel HPF
The ADC outputs can contain a dc offset. This offset may
create errors in power and rms calculations. High Pass Filters
(HPF) are placed in the signal path of the phase and neutral
currents and of the phase voltages. If enabled, the HPF
eliminates any dc offset on the current channel. All filters are
implemented in the DSP and by default they are all enabled: 24-
bit register HPFDIS[23:0] is cleared to 0x00000000. All filters
are disabled by setting HPHDIS[23:0] to any non zero value.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words. The HPFDIS register is accessed as a 32-
bit register with 8 most significant bits padded with 0s. See
Figure 16 for details.
24 bit number
0000 0000
0
23
24
31
Figure 16. 24-bit HPFDIS register is transmitted as 32-bit word
Current Channel Sampling
The waveform samples of the current channel are taken at the
output of HPF and stored into IAWV, IBWV, ICWV 24-bit
signed registers at a rate of 8kSPS. All power and rms
calculations remain uninterrupted during this process. Bit 17
(DREADY) in STATUS0[31:0] register is set when IAWV,
IBWV and ICWV registers are available to be read using I2C or
SPI serial ports. Setting bit 17 (DREADY) in MASK0[31:0]
register enables an interrupt to be set when the DREADY flag is
set. See Digital Signal Processor chapter for more details on bit
DREADY.
IAP
V
IN
IAN
PGA1
ADC
PGA1 bits
GAIN[2:0]
x1, x2, x4,x8,
x16
REFERENCE
AIGAIN[23:0]
HPF
DIGITAL
INTEGRATOR
INTEN bit
CONFIG[0]
CURRENT RMS (IRMS)
CALCULATION
IAWV WAVEFORM
SAMPLE REGISTER
TOTAL ACTIVE
POWER CALCULATION
0V
+0.5V/GAIN
-0.5V/GAIN
V
IN
ANALOG INPUT RANGE
0V
0x5A7540=
5,928,256
0xA58AC0=
-5,928,256
ADC OUTPUT RANGE
0V
CURRENT CHANNEL
DATA RANGE
CURRENT CHANNEL
DATA RANGE AFTER
INTEGRATOR
DSP
0V
ZX SIGNAL
DATA RANGE
CURRENT PEAK,
OVERCURRENT
DETECT
LPF1
ZX DETECTION
0x5A7540=
5,928,256
0xA58AC0=
-5,928,256
0x5A7540=
5,928,256
0xA58AC0=
-5,928,256
HPFDIS[23:0]
Figure 17. Current Channel Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com