Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8114RDK-R Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8114RDK-R
Description  PCI Express-to-PCI/PCI-X Bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8114RDK-R Datasheet(HTML) 4 Page - PLX Technology

  PEX8114RDK-R Datasheet HTML 1Page - PLX Technology PEX8114RDK-R Datasheet HTML 2Page - PLX Technology PEX8114RDK-R Datasheet HTML 3Page - PLX Technology PEX8114RDK-R Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Development Tools
PLX offers hardware and software tools (PEX 8114RDK) to enable rapid customer design. These tools include the Hardware
Development Kit (HDK) and the Software Development Kit (SDK).
PEX 8114RDK
The Forward Bridge RDK hardware module (Figure 8) includes the ExpressLane PEX 8114 with one x4 (card-edge) port and four PCI
or PCI-X slots on the secondary side. The Reverse Bridge RDK (Figure 9) includes a standard PCI/PCI-X edge connector (card-edge
type) and a standard PCI Express slot on the secondary side.
Each ExpressLane PEX 8114RDK can be installed in a motherboard to test and validate customer software and to evaluate the chip’s
features and benefits.
SDK
The SDK tool set includes (1) Linux and Windows drivers, (2) C/C++ Source code, Objects, libraries, and (3) User’s Guides,
Application examples and Tutorials.
PLX Technology, Inc.
870 W. Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
Product Ordering Information
Part Number
Description
PEX 8114-BD13BI
PCI Express to PCI/PCI-X Bridge
PEX 8114-BD13BI G
PCI Express to PCI/PCI-X Bridge; lead-free ROHS compliant
PEX 8114RDK-F
Forward Mode RDK
PEX 8114RDK-R
Reverse Mode RDK
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for sampling.
© 2007 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX Technology,
Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no
responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
PEX8114-SIL-PB-5.0
11/07
Figure 8. PEX 8114 Forward RDK
Figure 9. PEX 8114 Reverse RDK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com