Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8114RDK-R Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8114RDK-R
Description  PCI Express-to-PCI/PCI-X Bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8114RDK-R Datasheet(HTML) 1 Page - PLX Technology

  PEX8114RDK-R Datasheet HTML 1Page - PLX Technology PEX8114RDK-R Datasheet HTML 2Page - PLX Technology PEX8114RDK-R Datasheet HTML 3Page - PLX Technology PEX8114RDK-R Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ExpressLane
™ PCI Express-to-PCI/PCI-X Bridge
.
Features
General Features
o
Forward and Reverse bridging
o
Reverse bridging root functions
o
Transparent bridging
o
Standard 256 Plastic BGA package
(17mm x 17mm)
o
Leaded and lead-free ROHS versions
available
o
Low power – 2W
o
No heat sink required
o
EEPROM configuration option
o
1.0 V core supply voltage
o
DC and AC JTAG (1149.1 and
1149.6)
Scalable PCI Express Interface
o
x4 Link (configurable as x1, x2 or x4)
o
Full-duplex PCI Express lanes;
2.5 Gbps each
o
Automatic lane reversal
o
8b/10b encoding
o
Link training (auto-negotiate to
smallest link width)
o
256 byte maximum payload size
o
PCI Express Base specification 1.0a
compliant
o
End-to-end CRC and data poisoning
o
Advanced error reporting
o
Link and device power management
o
Advanced flow control
o
Hot Plug
o
Turn off unused lanes for power
reduction
Advanced PCI-X Interface
o
PCI-X (v 1.0b): 64 bits at 133, 100 or
66 MHz
o
PCI 3.0: 32 or 64 bits at 66, 50, 33 or
25 MHz
o
8-outstanding split transactions
o
Internal arbiter supports up to 4
external masters
o
3.3V I/O
o
Message Signal Interrupt (MSI)
support
o
Provides up to four PCI/PCI-X clocks
o
Scratchpad and doorbell registers
Flexible, High-Performance Bridge in a Small Package
The PLX Technology ExpressLane
™ PEX 8114 is a high performance bridge that
enables designers to migrate legacy PCI and PCI-X bus interfaces to the new
advanced serial PCI Express
™ interface. This flexible device supports forward and
reverse transparent bridging.
The bridge is equipped with a standard, but flexible PCI Express port that scales to
x1, x2 or x4 lanes with a maximum of 1 Gigabyte per second of throughput per
transmit and receive direction. With four 2.5 Gbps integrated SerDes, the standard
PCI Express signaling delivers the highest bandwidth with the lowest possible pin
count using LVDS technology.
The ExpressLane PEX 8114 has a single parallel bus segment supporting the
advanced PCI-X protocol, with a 64-bit wide parallel data path running at 133MHz.
The bridge also supports conventional PCI operation.
While both sides of the bridge are evenly matched, the device also supports internal
queues with flow control features to optimize throughput and traffic flow.
The small 17mm x 17mm footprint in standard Plastic BGA packaging makes the
ExpressLane PEX 8114 ideal for a variety of applications where board real estate is
at a premium. Leaded and lead-free ROHS versions are available.
Forward and Reverse Bridging
Compliant to the PCI Express-to-PCI/PCI-X Bridge Specification 1.0, the
ExpressLane PEX 8114 is capable of operating in either forward or reverse bridging
modes. In forward mode, the bridge allows legacy PCI or PCI-X chips and adapters
to be used with new PCI Express processor systems. Reverse bridge operation allows
conventional PCI or PCI-X processors and chipsets to configure and control
advanced PCI Express switches and endpoints. The reverse bridge not only allows
complete configuration of a downstream PCI Express system from the PCI/PCI-X
bus, but it also handles limited PCI Express root functions for reverse interrupt and
advanced error handling.
High Performance PCI Express Interface
The fully integrated PCI Express interface incorporates many of the advanced
protocol features in PCI Express such as Automatic Lane Reversal, ECRC, Data
Poisoning, Link State Power Management and Hot Plug. The single link scales from
x4 to x2 or x1 operation through configuration or automatic link training. This
enables the user to reduce power consumption by turning off unused lanes.
PEX 8114
Version 5.0 2007


Similar Part No. - PEX8114RDK-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
List of Unclassifed Man...
PEX8114-AA13BI ETC1-PEX8114-AA13BI Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
More results

Similar Description - PEX8114RDK-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
Texas Instruments
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
PCI Express to PCI Bus Translation Bridge
logo
Pericom Semiconductor C...
PI7C9X130 PERICOM-PI7C9X130 Datasheet
1Mb / 157P
PCI Express to PCI-X Reversible Bridge
logo
PLX Technology
PEX8112 PLX-PEX8112 Datasheet
112Kb / 2P
ExpressLane??PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
PCI Express-to-PCI Reversible Bridge
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
PCI Express-to-PCI Reversible Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
Broadcom Corporation.
PEX8112 BOARDCOM-PEX8112 Datasheet
183Kb / 2P
ExpressLane??PCI Express to PCI Bridge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com