Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8618 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8618
Description  Flexible & Versatile 16-lane 16-port PCI Express Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8618 Datasheet(HTML) 4 Page - PLX Technology

  PEX8618 Datasheet HTML 1Page - PLX Technology PEX8618 Datasheet HTML 2Page - PLX Technology PEX8618 Datasheet HTML 3Page - PLX Technology PEX8618 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Software Usage Model
Interrupt Sources/Events
The PEX 8618 supports the INTx interrupt message type
(compatible with PCI 2.3 Interrupt signals) or Message
Signaled Interrupts (MSI) when enabled. Interrupts/messages
are generated by PEX 8618 for Hot-Plug events, doorbell
interrupts, baseline error reporting, and advanced error
reporting.
From a system model viewpoint, each PCI Express port is a
virtual PCI to PCI bridge device and has its own set of
PCI Express configuration registers. It is through the upstream
port that the BIOS or host can configure the other ports using
standard PCI enumeration. The virtual PCI-to-PCI bridges
within the PEX 8618 are compliant to the PCI and PCI
Express system models. The Configuration Space Registers
(CSRs) in a virtual primary/secondary PCI-to-PCI bridge are
accessible by type 0 configuration cycles through the virtual
primary bus interface (matching bus number, device number,
and function number).
Development Tools
RDK
The PEX 8618RDK is a hardware module containing the
PEX 8618 which plugs right into your system (Figure 8). The
PEX 8618RDK hardware module can be installed in a
motherboard, used as a riser card, or configured as a bench-top
board. The PEX 8618RDK can be used to test and validate
customer software. Additionally, it can be used as an
evaluation vehicle for PEX 8618 features and benefits.
PLX offers hardware and software tools to enable rapid
customer design activity. These tools consist of a PEX 8618
Rapid Development Kit (RDK), hardware documentation, and
a Software Development Kit (also available at
www.plxtech.com/sdk).
SDK
The SDK tool set
includes:
- Linux & Windows
drivers
- C/C++ Source code,
Objects, libraries
- User’s Guides &
Application examples
PLX Technology, Inc.
870 W. Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
info@plxtech.com
www.plxtech.com
© 2009 by PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX Technology,
Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no
responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
PEX8618-SIL-PB-1.2
5/09
Figure 8. PEX 8618RDK
Windows/Linux Apps
PEX API
PCIe
Driver
NT PnP
Driver
PCI Express Interface
Kernel
Space
User
Space
Hardware
Windows/Linux Apps
PEX API
PCIe
Driver
NT PnP
Driver
PCI Express Interface
Kernel
Space
User
Space
Hardware
Product Ordering Information
Part Number
Description
PEX8618-BA50BC
16 Lane, 16 Port PCIe Switch, 324-ball HSBGA 19x19mm
2 pkg
PEX8618-BA50BC G
16 Lane, 16 Port PCIe Switch, 324-ball HSBGA 19x19mm
2 pkg, Pb-free
PEX 8618BA-BB4U1D RDK
PEX 8618 Rapid Development Kit – Base Board with x4 Upstream and
12 x1 Downstream
PEX 8618 Rapid Development Kit – Base Board with x8 Upstream and
Eight x1 Downstream
PEX 8618BA-BB8U1D RDK
PEX 8618 Rapid Development Kit – Add-in Card with x4 Upstream and
Three x4 Downstream
PEX 8618BA-AIC4U4D RDK
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for sampling.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com