Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8618 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8618
Description  Flexible & Versatile 16-lane 16-port PCI Express Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8618 Datasheet(HTML) 1 Page - PLX Technology

  PEX8618 Datasheet HTML 1Page - PLX Technology PEX8618 Datasheet HTML 2Page - PLX Technology PEX8618 Datasheet HTML 3Page - PLX Technology PEX8618 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Flexible & Versatile 16-lane 16-port PCI Express
® Switch
Features
PEX 8618 General Features
o
16-lane PCI Express switch
-
Integrated 5.0 GT/s SerDes
o
Up to 16 configurable ports
o
19 x 19mm
2, 324-ball HSBGA
o
Typical Power: 1.93 Watts
PEX 8618 Key Features
o
Standards Compliant
-
PCI Express Base Specification r2.0
(Backwards compatible with PCIe
r1.0a/1.1)
-
PCI Power Management Spec r1.2
-
Microsoft Vista Compliant
-
Supports Access Control Services
-
Dynamic link-width control
o
High Performance
-
Non-blocking internal architecture
-
Full line rate on all ports
-
Cut-Thru latency: 140ns
-
2KB max payload size
-
Read Pacing
(intelligent bandwidth allocation)
-
Dual Cast
o
Dual-Host & Fail-Over Support
-
Configurable Non-Transparent port
(NTB)
-
Moveable upstream port
-
Crosslink port capability
o
Flexible Configuration
-
16 flexible & configurable ports
(x1, x4, or x8)
-
Configurable with strapping pins,
EEPROM, I
2C, or Host software
-
Lane and polarity reversal
o
PCI Express Power Management
-
Link power management states: L0, L0s,
L1, L2/L3 Ready, and L3
-
Device states: D0 and D3hot
o
Spread Spectrum Clock Isolation
-
Dual clock domain
o
Quality of Service (QoS)
-
Two Virtual Channels (VC) per port
-
Eight Traffic Classes per port
-
Weighted Round-Robin Port & VC
Arbitration
o
Reliability, Availability, Serviceability
-
All ports Hot-Plug capable thru I
2C
(Hot-Plug Controller on every port)
-
ECRC & Poison bit support
-
Data path protection
-
Memory (RAM) error correction
-
Advanced Error Reporting support
-
Port Status bits and GPIO available
-
Per port error diagnostics
-
Performance monitoring
(per port payload & header counters)
-
JTAG AC/DC boundary scan
-
Fatal Error (FATAL_ERR#) output signal
-
INTA# output signal
Version 1.2 2009
PEX 8618
The ExpressLane
™ PEX 8618 device offers PCI Express switching capability
enabling users to add scalable high bandwidth non-blocking interconnection to a
wide variety of applications including control planes, communication platforms,
servers, storage systems and embedded systems. The PEX 8618 is well suited for
fan-out, aggregation, peer-to-peer, and intelligent I/O module applications
.
Low Packet Latency & High Performance
The PEX 8618 architecture supports packet cut-thru with a maximum latency of
140ns. This, combined with large packet memory and non-blocking internal switch
architecture, provides full line rate on all ports for low-latency applications such as
communications and servers. The low latency enables applications to achieve high
throughput and performance. In addition to low latency, the device supports a max
payload size of 2048 bytes, enabling the user to achieve even higher throughout
.
Data Integrity
The PEX 8618 provides end-to-end CRC protection (ECRC) and Poison bit support
to enable designs that require guaranteed error-free packets. PLX also supports
data path parity and memory (RAM) error correction as packets pass through the
switch
.
Dual-Host and Fail-Over Support
The PEX 8618 supports full non-transparent bridging (NTB) functionality to allow
implementation of multi-host systems and intelligent I/O modules in applications
which require redundancy support such as communications, storage, and servers.
Non-transparent bridges allow systems to isolate host memory domains by
presenting the processor subsystem as an endpoint rather than another memory
system. Base address registers are used to translate addresses; doorbell registers are
used to send interrupts between the address domains; and scratchpad registers are
accessible from both address domains to allow inter-processor communication
.
Interoperability
The PEX 8618 is designed to be fully compliant with the PCI Express Base
Specification r2.0 and is backwards compatible to PCI Express Base Specification
r1.1 and r1.0a. Additionally each port supports auto-negotiation, lane reversal and
polarity reversal. Furthermore, the PEX 8618 is designed for Microsoft Vista
compliance. All PLX switches undergo thorough interoperability testing in PLX’s
Interoperability Lab and compliance testing at the PCI-SIG plug-fest to ensure
compatibility with PCI Express devices in the market.
Device Operation Configuration Flexibility
The PEX 8618 provides several ways to configure its operations. The device can be
configured through strapping pins, I
2C interface, CPU configuration cycles and/or an
optional serial EEPROM. This allows for easy debug during the development phase
and functional monitoring during the operation phase
.


Similar Part No. - PEX8618

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8618 AVAGO-PEX8618 Datasheet
735Kb / 4P
Flexible & Versatile 16-lane 16-port PCI Express
More results

Similar Description - PEX8618

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8604 PLX-PEX8604 Datasheet
858Kb / 4P
Flexible & Versatile 4-lane 4-port PCI Express Switch
PEX8609 PLX-PEX8609 Datasheet
1,007Kb / 4P
Flexible & Versatile 8-lane 8-port PCI Express Switch
PEX8614 PLX-PEX8614 Datasheet
903Kb / 4P
Flexible & Versatile 12-lane 12-port PCI Express Switch
PEX8615 PLX-PEX8615 Datasheet
1Mb / 4P
Flexible & Versatile 12-lane 12-port PCI Express Switch
PEX8619 PLX-PEX8619 Datasheet
1Mb / 4P
Flexible & Versatile 16-lane 16-port PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8604 AVAGO-PEX8604 Datasheet
858Kb / 4P
Flexible & Versatile 4-lane 4-port PCI Express
PEX8615 AVAGO-PEX8615 Datasheet
1Mb / 4P
Flexible & Versatile 12-lane 12-port PCI Express
PEX8618 AVAGO-PEX8618 Datasheet
735Kb / 4P
Flexible & Versatile 16-lane 16-port PCI Express
PEX8619 AVAGO-PEX8619 Datasheet
1Mb / 4P
Flexible & Versatile 16-lane 16-port PCI Express
logo
Renesas Technology Corp
89HPES16H16 RENESAS-89HPES16H16 Datasheet
472Kb / 37P
16-Lane 16-Port PCI Express® Switch
October 3, 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com